Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67298-2191 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 67298-2191
Description  Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Dual Stacked, TypeA, 0.76關m (30關") Gold (Au) Plating, Black Housing, with 2 Beveled Metal Pins, Tapeand Reel Package, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67298-2191 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  67298-2191 Datasheet HTML 1Page - Molex Electronics Ltd. 67298-2191 Datasheet HTML 2Page - Molex Electronics Ltd. 67298-2191 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0672982191
Status:
Active
Description:
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Dual Stacked, Type
A, 0.76µm (30µ") Gold (Au) Plating, Black Housing, with 2 Beveled Metal Pins, Tape
and Reel Package, Lead Free
Documents:
3D Model
Product Specification PS-67298-002 (PDF)
Test Summary (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
I/O Connectors
Series
67298
Application
Wire-to-Board
Comments
2 Beveled Metal Pins
Component Type
Receptacle
Product Name
USB
Type
A
Physical
Boot Color
N/A
Circuits (Loaded)
8
Circuits (maximum)
8
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.079 In
PC Tail Length (mm)
2.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.047 In
PCB Thickness Recommended (mm)
1.20 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
Yes
Pitch - Mating Interface (in)
0.079 In, 0.098 In
Pitch - Mating Interface (mm)
2.00 mm, 2.50 mm
Pitch - Term. Interface (in)
0.079 In, 0.098 In
Pitch - Term. Interface (mm)
2.00 mm, 2.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
2
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
0°C to +50°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
1.5A
Shield Type
Full Shield
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67298Series
Mates With
USB Type A Plug


Similar Part No. - 67298-2191

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67298-2190 MOLEX7-67298-2190 Datasheet
141Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Dual Stacked, TypeA, Gold (Au) Flash, Black Housing, with 2 Beveled Metal Pins, Tape and Reel PackageLead Free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com