Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C80E7 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S3C80E7
Description  S3C8-SERIES MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C80E7 Datasheet(HTML) 1 Page - Samsung semiconductor

  S3C80E7 Datasheet HTML 1Page - Samsung semiconductor S3C80E7 Datasheet HTML 2Page - Samsung semiconductor S3C80E7 Datasheet HTML 3Page - Samsung semiconductor S3C80E7 Datasheet HTML 4Page - Samsung semiconductor S3C80E7 Datasheet HTML 5Page - Samsung semiconductor S3C80E7 Datasheet HTML 6Page - Samsung semiconductor S3C80E7 Datasheet HTML 7Page - Samsung semiconductor S3C80E7 Datasheet HTML 8Page - Samsung semiconductor S3C80E7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
S3C80E5/P80E5/C80E7/P80E7 (Preliminary Spec)
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
S3C8-SERIES MICROCONTROLLERS
Samsung's S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range
of integrated peripherals and various mask-programmable ROM sizes. Important CPU features include:
— Efficient register-oriented architecture
— Selectable CPU clock sources
— Idle and Stop power-down mode release by interrupt
— Built-in basic timer with watchdog function
A sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more
interrupt sources and vectors. Fast interrupt processing (within a minimum six CPU clocks) can be assigned to
specific interrupt levels.
S3C80E5/C80E7 MICROCONTROLLER
The S3C80E5/C80E7 single-chip CMOS
microcontroller is fabricated using a highly
advanced CMOS process, based on Samsung’s
newest CPU architecture.
The S3C80E5/C80E7 is the microcontroller which
has 16/24-Kbyte mask-programmable ROM. The
S3P80E5/P80E7 is the microcontroller which has
16/24-Kbyte one-time-programmable EPROM.
Using a proven modular design approach, Samsung
engineers developed the S3C80E5/C80E7 by
integrating the following peripheral modules with the
powerful SAM87 core:
— Four programmable I/O ports, including three
8-bit ports and one 2-bit port, for a total of 26
pins.
— Internal LVD circuit and twelve bit-
programmable pins for external interrupts.
— One 8-bit basic timer for oscillation stabilization
and watchdog functions (system reset).
— One 8-bit timer/counter and one 16-bit
timer/counter with selectable operating modes.
— One 8-bit counter with auto-reload function and
one-shot or repeat control.
The S3C80E5/C80E7 is a versatile general-purpose
microcontroller which is especially suitable for use
as unified remote transmitter controller. It is
currently available in a 32-pin SOP and SDIP
package for S3C80E5 and S3C80E7. And available
in 40 DIP package only for S3C80E7.
OTP
The S3P80E5/P80E7 is an OTP (One Time Programmable) version of the S3C80E5/C80E7 microcontroller. The
S3P80E5/P80E7 microcontroller has an on-chip 16/24-Kbyte one-time-programmable EPROM instead of a
masked ROM. The S3P80E5/P80E7 is comparable to the S3C80E5/C80E7, both in function and in pin
configuration.


Similar Part No. - S3C80E7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8075 SAMSUNG-S3C8075 Datasheet
1Mb / 208P
   SAM87 family of 8-bit single-chip CMOS microcontrollers, 272-byte general purpose register area, 16-Kbyte internal program memory
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C80A4 SAMSUNG-S3C80A4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80A5 SAMSUNG-S3C80A5 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80A8 SAMSUNG-S3C80A8 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
More results

Similar Description - S3C80E7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C80F7 SAMSUNG-S3C80F7 Datasheet
213Kb / 34P
   S3C8-SERIES MICROCONTROLLERS
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C8248 SAMSUNG-S3C8248 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
S3C821A SAMSUNG-S3C821A Datasheet
281Kb / 33P
   S3C8-SERIES MICROCONTROLLES
S3C80A4 SAMSUNG-S3C80A4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C820B SAMSUNG-S3C820B Datasheet
150Kb / 22P
   S3C-SERIES MICROCONTROLLERS
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com