Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C820B Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S3C820B
Description  S3C-SERIES MICROCONTROLLERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C820B Datasheet(HTML) 3 Page - Samsung semiconductor

  S3C820B Datasheet HTML 1Page - Samsung semiconductor S3C820B Datasheet HTML 2Page - Samsung semiconductor S3C820B Datasheet HTML 3Page - Samsung semiconductor S3C820B Datasheet HTML 4Page - Samsung semiconductor S3C820B Datasheet HTML 5Page - Samsung semiconductor S3C820B Datasheet HTML 6Page - Samsung semiconductor S3C820B Datasheet HTML 7Page - Samsung semiconductor S3C820B Datasheet HTML 8Page - Samsung semiconductor S3C820B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
S3C820B
PRODUCT OVERVIEW
1-3
BLOCK DIAGRAM
Watch
Timer
64K-byte
ROM
I/O Port and Interrupt Control
SAM8 CPU
Port 0
314-Byte
Register
File
Internal Bus
Port 1
192K-byte
Font ROM
6144-Byte
Data RAM
Basic
Timer
Main
OSC
Sub
OSC
Timer 0
XIN
XOUT
XTIN
XTOUT
BUZ
BUZ
T0
T0CK
RESET
Port 2
Port 3
Timer 1
LCD
Driver/
Controller
Voltage
Doubler
TEST
P2.0-P2.3
(
AS, DW, DR, DM)
P2.4-P2.7
(T0, T0CK, CLO, BUZ)
P3.0/TB/INT0
P3.1/TA/INT1
P3.2/T1CK/INT2
P3.3/INT3
P3.4/INT4
P3.5/INT5
P3.6/INT6
P3.7/INT7
COM0-COM8
COM9-COM17
SEG0-SEG64
VLC0
BIAS
CA
CB
TA
TB
T1CK
P0.0-P0.7
(A8-A15)
P1.0-P1.7
(AD0-AD7)
Figure 1-1. Block Diagram


Similar Part No. - S3C820B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C821 SAMSUNG-S3C821 Datasheet
281Kb / 33P
   S3C8-SERIES MICROCONTROLLES
S3C821A SAMSUNG-S3C821A Datasheet
281Kb / 33P
   S3C8-SERIES MICROCONTROLLES
S3C8235 SAMSUNG-S3C8235 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3C8238 SAMSUNG-S3C8238 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3C8245 SAMSUNG-S3C8245 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
More results

Similar Description - S3C820B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C80F7 SAMSUNG-S3C80F7 Datasheet
213Kb / 34P
   S3C8-SERIES MICROCONTROLLERS
S3C80E5 SAMSUNG-S3C80E5 Datasheet
246Kb / 31P
   S3C8-SERIES MICROCONTROLLERS
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C8248 SAMSUNG-S3C8248 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com