Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51036-1100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51036-1100
Description  4.00mm (.158") Pitch Board-In Housing, 11 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51036-1100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51036-1100 Datasheet HTML 1Page - Molex Electronics Ltd. 51036-1100 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0510361100
Status:
Active
Description:
4.00mm (.158") Pitch Board-In Housing, 11 Circuits
Documents:
3D Model
Product Specification PS-51036-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51036-002 (PDF)
Agency Certification
CSA
LR19980
TUV
R72090224
UL
E29179
General
Product Family
Crimp Housings
Series
51036
Product Name
Board-In
Physical
Circuits (maximum)
11
Color - Resin
Natural
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.157 In
Pitch - Mating Interface (mm)
4.00 mm
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51036-002, PS-51036-003, RPS-51036-001,
RPS-51036-002, RPS-51036-003
Sales Drawing
SD-51036-**00
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51036Series
Use With
50098
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51036-1100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51036-1000 MOLEX7-51036-1000 Datasheet
88Kb / 2P
   4.00mm (.158") Pitch Board-In Housing, 10 Circuits
51036-1200 MOLEX7-51036-1200 Datasheet
88Kb / 2P
   4.00mm (.158") Pitch Board-In Housing, 12 Circuits
51036-1300 MOLEX7-51036-1300 Datasheet
88Kb / 2P
   4.00mm (.158") Pitch Board-In Housing, 13 Circuits
51036-1400 MOLEX7-51036-1400 Datasheet
88Kb / 2P
   4.00mm (.158") Pitch Board-In Housing, 14 Circuits
51036-1500 MOLEX7-51036-1500 Datasheet
88Kb / 2P
   4.00mm (.158") Pitch Board-In Housing, 15 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com