Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54698-7007 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 54698-7007
Description  0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205") Mounted Height, 144 Circuits, 5.0V Power Supply, Hard Tray Packaging, Height9.00mm (.354") Type, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54698-7007 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  54698-7007 Datasheet HTML 1Page - Molex Electronics Ltd. 54698-7007 Datasheet HTML 2Page - Molex Electronics Ltd. 54698-7007 Datasheet HTML 3Page - Molex Electronics Ltd. 54698-7007 Datasheet HTML 4Page - Molex Electronics Ltd. 54698-7007 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 54698-7007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54698-7000 MOLEX7-54698-7000 Datasheet
264Kb / 4P
   0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205")Mounted Height, 144 Circuits, 3.3V Power Supply, Lead-free
54698-7001 MOLEX7-54698-7001 Datasheet
264Kb / 4P
   0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205")Mounted Height, 144 Circuits, 5.0V Power Supply, Lead-free
54698-7003 MOLEX7-54698-7003 Datasheet
355Kb / 5P
   0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205")Mounted Height, 144 Circuits, 3.3V Power Supply, Hard Tray Packaging, Height11.00mm (.433") Type, Lead-free
54698-7006 MOLEX7-54698-7006 Datasheet
355Kb / 5P
   0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205")Mounted Height, 144 Circuits, 3.3V Power Supply, Hard Tray Packaging, Height9.00mm (.354") Type, Lead-free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com