Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C821 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S3C821
Description  S3C8-SERIES MICROCONTROLLES
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C821 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S3C821 Datasheet HTML 4Page - Samsung semiconductor S3C821 Datasheet HTML 5Page - Samsung semiconductor S3C821 Datasheet HTML 6Page - Samsung semiconductor S3C821 Datasheet HTML 7Page - Samsung semiconductor S3C821 Datasheet HTML 8Page - Samsung semiconductor S3C821 Datasheet HTML 9Page - Samsung semiconductor S3C821 Datasheet HTML 10Page - Samsung semiconductor S3C821 Datasheet HTML 11Page - Samsung semiconductor S3C821 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
PRODUCT OVERVIEW
S3C821A/P821A
1-8
Table 1-1. S3C821A Pin Descriptions (Continued)
Pin
Names
Pin
Type
Pin
Description
Circuit
Type
Pin
Numbers
Share
Pins
SEG16–
SEG23
I/O
LCD segment signal output
H-32
72–79 (74–80, 1)
P0.0–P0.7
SEG24–
SEG31
I/O
LCD segment signal output
H-32
80, 1–7 (2–9)
P1.0–P1.7
A8–A15
I/O
External interface address lines
H-32
72–79 (74–80, 1)
P0.0–P0.7
AD0–AD7
I/O
External interface address/data lines
H-32
80, 1–7 (2–9)
P1.0–P1.7
AS
I/O
Address strobe
D-4
8 (10)
P2.0
DR
I/O
Data read
D-4
9 (11)
P2.1
DW
I/O
Data write
D-4
18 (20)
P2.2
DM
I/O
Data memory select
D-4
19 (21)
P2.3
NOTE: Parentheses indicate pin number for 80-QFP package.


Similar Part No. - S3C821

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C820B SAMSUNG-S3C820B Datasheet
150Kb / 22P
   S3C-SERIES MICROCONTROLLERS
S3C8235 SAMSUNG-S3C8235 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3C8238 SAMSUNG-S3C8238 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3C8245 SAMSUNG-S3C8245 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
S3C8247 SAMSUNG-S3C8247 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
More results

Similar Description - S3C821

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C80E5 SAMSUNG-S3C80E5 Datasheet
246Kb / 31P
   S3C8-SERIES MICROCONTROLLERS
S3C80F7 SAMSUNG-S3C80F7 Datasheet
213Kb / 34P
   S3C8-SERIES MICROCONTROLLERS
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C8248 SAMSUNG-S3C8248 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
S3C80A4 SAMSUNG-S3C80A4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com