Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50409-7626 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 50409-7626
Description  Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 7/8
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50409-7626 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  50409-7626 Datasheet HTML 1Page - Molex Electronics Ltd. 50409-7626 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 50409-7626

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50409-7725 MOLEX7-50409-7725 Datasheet
108Kb / 2P
   Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 1/2" (M12), Oxygen-Free Copper, Length 78.00mm (3.071
50409-7925 MOLEX7-50409-7925 Datasheet
108Kb / 2P
   Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 5/8" (M16), Oxygen-Free Copper, Length 78.00mm (3.071")
More results

Similar Description - 50409-7626

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0504097125 MOLEX7-0504097125 Datasheet
108Kb / 2P
   Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize M10, Oxygen-Free Copper, Length 72.00mm (2.835")
0507967012 MOLEX7-0507967012 Datasheet
82Kb / 2P
   Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize M10, Oxygen-Free Copper, Length 78.00mm (3.071")
0504097925 MOLEX7-0504097925 Datasheet
108Kb / 2P
   Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 5/8" (M16), Oxygen-Free Copper, Length 78.00mm (3.071")
0504097725 MOLEX7-0504097725 Datasheet
108Kb / 2P
   Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 1/2" (M12), Oxygen-Free Copper, Length 78.00mm (3.071
0507967112 MOLEX7-0507967112 Datasheet
82Kb / 2P
   Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 1/2" (M12), Oxygen-Free Copper, Length 78.00mm (3.071")
0505447626 MOLEX7-0505447626 Datasheet
108Kb / 2P
   Ring Tongue Terminal for 250-300MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 7/8" (M20), Oxygen-Free Copper, Length 81.00mm (3.189")
0505567512 MOLEX7-0505567512 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 6 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/16
0505427925 MOLEX7-0505427925 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 3/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size 5/8
0508567412 MOLEX7-0508567412 Datasheet
93Kb / 2P
   Ring Tongue Terminal for 10 and 12 AWG, Closed Uninsulated Brazed Barrel, StudSize 8 (M4), Oxygen Free Copper, Length 18.30mm (.720")
0508567025 MOLEX7-0508567025 Datasheet
94Kb / 2P
   Ring Tongue Terminal for 10 and 12 AWG, Closed Uninsulated Brazed Barrel, StudSize 8 (M4), Oxygen Free Copper, Length 15.80mm (.622")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com