Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3P80F7 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S3P80F7
Description  S3C8-SERIES MICROCONTROLLERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P80F7 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S3P80F7 Datasheet HTML 4Page - Samsung semiconductor S3P80F7 Datasheet HTML 5Page - Samsung semiconductor S3P80F7 Datasheet HTML 6Page - Samsung semiconductor S3P80F7 Datasheet HTML 7Page - Samsung semiconductor S3P80F7 Datasheet HTML 8Page - Samsung semiconductor S3P80F7 Datasheet HTML 9Page - Samsung semiconductor S3P80F7 Datasheet HTML 10Page - Samsung semiconductor S3P80F7 Datasheet HTML 11Page - Samsung semiconductor S3P80F7 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
PRODUCT OVERVIEW
S3C80F7/C80F9/C80G7/C80G9 (KS88C01524/C01532/C01624/C01632)
1-8
Table 1-2. Pin Descriptions of 32-SOP
Pin
Names
Pin
Type
Pin Description
Circuit
Type
32 Pin
No.
Shared
Functions
P0.0–P0.7
I/O
I/O port with bit-programmable pins.
Configurable to input or push-pull output
mode. Pull-up resistors are assignable by
software. Pins can be assigned individually as
external interrupt inputs with noise filters,
interrupt enable/ disable, and interrupt pending
control. SED & R circuit built in P0 for STOP
releasing.
1
17–24
Ext. INT
P1.0–P1.7
I/O
I/O port with bit-programmable pins.
Configurable to input mode or output mode.
Pin circuits are either push-pull or n-channel
open-drain type.
2
9–16
P2.0–P2.3
P2.4–P2.7
I/O
I/O port with bit-programmable pins.
Configurable to input or push-pull output
mode. Pull-up resistors can be assigned by
software. Pins can be assigned individually as
external interrupt inputs with noise filters,
interrupt enable/disable, and interrupt pending
control. SED & R circuit built in P2 for STOP
releasing.
1
25–28
29,5, 6,8
Ext. INT
P3.0
P3.1
I/O
2-bit I/O port with bit-programmable pins.
Configurable to input mode, push-pull output
mode, or n-channel open-drain output mode.
Input mode with pull-up resistors can be
assigned by software. The two port 3 pins
have high current drive capability.
3
4
30,31
T0PWM/
T0CAP/T1CAP
REM/T0CK
X
IN, XOUT
System clock input and output pins
2,3
RESET
I
System reset signal input pin and back-up
mode input.
8
7
TEST
I
Test signal input pin (for factory use only;
must be connected to VSS).
4
V
DD
Power supply input pin
32
V
SS
Ground pin
1


Similar Part No. - S3P80F7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P8075 SAMSUNG-S3P8075 Datasheet
1Mb / 208P
   SAM87 family of 8-bit single-chip CMOS microcontrollers, 272-byte general purpose register area, 16-Kbyte internal program memory
S3P8095 SAMSUNG-S3P8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3P80A4 SAMSUNG-S3P80A4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3P80A5 SAMSUNG-S3P80A5 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3P80A8 SAMSUNG-S3P80A8 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
More results

Similar Description - S3P80F7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C80E5 SAMSUNG-S3C80E5 Datasheet
246Kb / 31P
   S3C8-SERIES MICROCONTROLLERS
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C8248 SAMSUNG-S3C8248 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
S3C821A SAMSUNG-S3C821A Datasheet
281Kb / 33P
   S3C8-SERIES MICROCONTROLLES
S3C80A4 SAMSUNG-S3C80A4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C820B SAMSUNG-S3C820B Datasheet
150Kb / 22P
   S3C-SERIES MICROCONTROLLERS
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com