Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C8478 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S3C8478
Description  S3C8478/C8475 MICROCONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C8478 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S3C8478 Datasheet HTML 2Page - Samsung semiconductor S3C8478 Datasheet HTML 3Page - Samsung semiconductor S3C8478 Datasheet HTML 4Page - Samsung semiconductor S3C8478 Datasheet HTML 5Page - Samsung semiconductor S3C8478 Datasheet HTML 6Page - Samsung semiconductor S3C8478 Datasheet HTML 7Page - Samsung semiconductor S3C8478 Datasheet HTML 8Page - Samsung semiconductor S3C8478 Datasheet HTML 9Page - Samsung semiconductor S3C8478 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PRODUCT OVERVIEW
S3C8478/C8475/P8475
1-6
Table 1-1. S3C8478/C8475 Pin Descriptions
Pin
Name
Pin
Type
Pin Description
Circuit
Number
Pin
Number
Share
Pins
P0.0–P0.7
I/O
Nibble-programmable I/O port for Schmitt trigger
input or push-pull, open-drain output. Pull-up
resistors are assignable by software.
E
8-1
(2-1,
43-38)
P1.0–P1.5
I/O
Bit-programmable I/O port for Schmitt trigger input
or push-pull output. Pull-up resistors are assignable
by software. Port 1 pin can also by used as
alternative function (T0, T1CK, T1, BUZ, RxD, TxD)
D
42-37
(37-32)
T0, T1CK,
T1, BUZ,
RxD, TxD
P2.0–P2.7
I/O
Bit-programmable I/O port for Schmitt trigger input
or push-pull output. Pull-up resistors are assignable
by software. Port 2 pins can also be used as
external interrupt.
D
19-26
(13-20)
INT0-
INT7
P3.0–P3.7
I/O
Bit-programmable I/O port for Schmitt trigger input
or push-pull output. Pull-up resistors are assignable
by software. Port 3 pins can also be used as A/D
converter by software.
F
29-36
(24-31)
ADC0-
ADC7
P4.0–P4.3
I/O
Bit-programmable I/O port for Schmitt trigger input
or push-pull, open-drain output. Pull-up resistors are
assingable by software.
E
17-16,
10-9
(11-10,
4-3)
P4.4–P4.5
O
Push-pull output only
C
(44, 21)
X
IN, XOUT
Crystal or ceramic oscillator signal for system clock.
14, 13
(8, 7)
RESET
I
System reset signal input pin.
B
18 (12)
TEST
I
Test signal input pin (for factory use only; muse be
connected to V
SS)
15 (9)
AV
REF,
AV
SS
A/D converter reference voltage input and ground
27, 28
(22, 23)
V
DD, VSS
Voltage input pin and ground
11, 12
(5, 6)
T0
I/O
Timer 0 capture input or PWM output pin
D
42 (37)
P1.0
T1CK
I
Timer 1 external clock input pin
D
41 (36)
P1.1
T1
I/O
Timer 1 capture input or PWM output pin
D
40 (35)
P1.2
BUZ
O
200Hz-20kHz frequency output for buzzer sound
D
39 (34)
P1.3
RxD
I/O
UART receive and transmit input or output
D
38 (33)
P1.4
TxD
O
UART transmit output
D
37 (32)
P1.5
INT0-INT7
I
External interrupt input
E
19-26
(13-20)
P2.0-P2.7
ADC0-
ADC7
I
A/D converter input
F
29-36
(24-31)
P3.0-P3.7
NOTE: Pin numbers shown in parentheses "( )" are for the 44-pin QFP package.


Similar Part No. - S3C8478

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8444 SAMSUNG-S3C8444 Datasheet
301Kb / 44P
   S3C8444 MICROCONTROLLER
S3C8454 SAMSUNG-S3C8454 Datasheet
206Kb / 32P
   S3C8454 MICROCONTROLLER
S3C8465 SAMSUNG-S3C8465 Datasheet
228Kb / 33P
   S3C8465/C8469 MICROCONTROLLER
S3C8469 SAMSUNG-S3C8469 Datasheet
228Kb / 33P
   S3C8465/C8469 MICROCONTROLLER
S3C84A4 SAMSUNG-S3C84A4 Datasheet
236Kb / 29P
   S3C84A4X MICROCONTROLLER
More results

Similar Description - S3C8478

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com