Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3P80B8 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S3P80B8
Description  S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P80B8 Datasheet(HTML) 1 Page - Samsung semiconductor

  S3P80B8 Datasheet HTML 1Page - Samsung semiconductor S3P80B8 Datasheet HTML 2Page - Samsung semiconductor S3P80B8 Datasheet HTML 3Page - Samsung semiconductor S3P80B8 Datasheet HTML 4Page - Samsung semiconductor S3P80B8 Datasheet HTML 5Page - Samsung semiconductor S3P80B8 Datasheet HTML 6Page - Samsung semiconductor S3P80B8 Datasheet HTML 7Page - Samsung semiconductor S3P80B8 Datasheet HTML 8Page - Samsung semiconductor S3P80B8 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
S3C80A4/C80A8/C80A5/C80B4/C80B8/C80B5
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
OVERVIEW
Samsung's S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range
of integrated peripherals, and various mask-programmable ROM sizes. Important CPU features include:
— Efficient register-oriented architecture
— Selectable CPU clock sources
— Idle and Stop power-down mode release by interrupt
— Built-in basic timer with watchdog function
A sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more
interrupt sources and vectors. Fast interrupt processing (within a minimum six CPU clocks) can be assigned to
specific interrupt levels.
S3C80A4/C80A8/C80A5/C80B4/C80B8/C80B5 MICROCONTROLLER
The S3C80A4/C80A8/C80A5/C80B4/C80B8/C80B5 single-chip CMOS microcontroller is fabricated using a
highly advanced CMOS process and is based on Samsung's newest CPU architecture.
The S3C80A4/C80A8/C80A5/C80B4/C80B8/C80B5 is the microcontroller which has mask-programmable ROM.
The S3P80A4/P80A8/P80A5/P80B4/P80B8/P80B5 is the microcontroller which has one-time-programmable
EPROM.
Using a proven modular design approach, Samsung engineers developed the
S3C80A4/C80A8/C80A5/C80B4/C80B8/C80B5 by integrating the following peripheral modules with the powerful
SAM87 RC core:
— Three programmable I/O ports, including two 8-bit ports and one 3-bit port, for a total of 19 pins.
— Internal LVD circuit and eight bit-programmable pins for external interrupts.
— One 8-bit basic timer for oscillation stabilization and watchdog functions (system reset).
— One 8-bit timer/counter and one 16-bit timer/counter with selectable operating modes.
— One 8-bit counter with auto-reload function and one-shot or repeat control.
The S3C80A4/C80A8/C80A5/C80B4/C80B8/C80B5 is a versatile general-purpose microcontroller which is
especially suitable for use as remote transmitter controller. It is currently available in a 24-pin SOP and SDIP
package.


Similar Part No. - S3P80B8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P8075 SAMSUNG-S3P8075 Datasheet
1Mb / 208P
   SAM87 family of 8-bit single-chip CMOS microcontrollers, 272-byte general purpose register area, 16-Kbyte internal program memory
S3P8095 SAMSUNG-S3P8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3P80E5 SAMSUNG-S3P80E5 Datasheet
246Kb / 31P
   S3C8-SERIES MICROCONTROLLERS
S3P80E7 SAMSUNG-S3P80E7 Datasheet
246Kb / 31P
   S3C8-SERIES MICROCONTROLLERS
More results

Similar Description - S3P80B8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88C8316 SAMSUNG-KS88C8316 Datasheet
91Kb / 19P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C8424 SAMSUNG-KS88C8424 Datasheet
168Kb / 25P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0916 SAMSUNG-KS88C0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01416 SAMSUNG-KS88C01416 Datasheet
291Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
KS88C2064 SAMSUNG-KS88C2064 Datasheet
156Kb / 22P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com