Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53780-0270 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 53780-0270
Description  1.25mm (.049") Pitch PanelMate??Header, Surface Mount, Right Angle, 1.90mm(.075") Height, Lead-free, 2 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53780-0270 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  53780-0270 Datasheet HTML 1Page - Molex Electronics Ltd. 53780-0270 Datasheet HTML 2Page - Molex Electronics Ltd. 53780-0270 Datasheet HTML 3Page - Molex Electronics Ltd. 53780-0270 Datasheet HTML 4Page - Molex Electronics Ltd. 53780-0270 Datasheet HTML 5Page - Molex Electronics Ltd. 53780-0270 Datasheet HTML 6Page - Molex Electronics Ltd. 53780-0270 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0537800270
Status:
Active
Overview:
panelmate_125mm_049_pitch_ultra_lowprofile
Description:
1.25mm (.049") Pitch PanelMate™ Header, Surface Mount, Right Angle, 1.90mm
(.075") Height, Lead-free, 2 Circuits
Documents:
3D Model
Product Specification PS-51146-012 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51146-010 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
53780
Application
Wire-to-Board
MolexKits
Yes
Overview
panelmate_125mm_049_pitch_ultra_lowprofile
Product Name
PanelMate™
Physical
Breakaway
No
Circuits (Loaded)
2
Color - Resin
Natural
Durability (mating cycles max)
50
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53780Series
Mates With
51146 PanelMate™ Wire-to-Board
Receptacle Housing


Similar Part No. - 53780-0270

ManufacturerPart #DatasheetDescription
logo
MolexKits
53780-0270 MOLEXKITS-53780-0270 Datasheet
39Kb / 3P
   Ultra Low Profile SMT Right Angle Header and Receptacle
53780-0270 MOLEXKITS-53780-0270 Datasheet
24Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
53780-0270 MOLEX-53780-0270 Datasheet
406Kb / 5P
   1.25 W/B CONN WAFER ASSY FOR SMT
logo
MolexKits
53780-0270-P MOLEXKITS-53780-0270-P Datasheet
43Kb / 5P
   Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com