Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51227-1300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51227-1300
Description  2.00mm (.079") Pitch Wire-to-Wire Plug Housing, Positive Lock, 13 circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51227-1300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51227-1300 Datasheet HTML 1Page - Molex Electronics Ltd. 51227-1300 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0512271300
Status:
Active
Description:
2.00mm (.079") Pitch Wire-to-Wire Plug Housing, Positive Lock, 13 circuits
Documents:
3D Model
Product Specification PS-51216-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
51227
Product Name
N/A
Physical
Circuits (maximum)
13
Color - Resin
Natural
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51216-006, RPS-51216-006, RPS-51216-012
Sales Drawing
SD-51227-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51227Series
Mates With
51216 Housing
Use With
51217 , 56086
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51227-1300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51227-1000 MOLEX7-51227-1000 Datasheet
121Kb / 2P
   2.00mm (.079") Pitch Wire-to-Wire Plug Housing, Positive Lock, 10 circuits
51227-1100 MOLEX7-51227-1100 Datasheet
121Kb / 2P
   2.00mm (.079") Pitch Wire-to-Wire Plug Housing, Positive Lock, 11 circuits
51227-1500 MOLEX7-51227-1500 Datasheet
121Kb / 2P
   2.00mm (.079
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com