Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0643241119 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0643241119
Description  2.80mm (.110"), CMC CP Female Terminal, Tin plated; Selective 1.27關m Gold inContact Area, for Tab Dimensions 2.8mm x 0.8mm , Wire Size > 3mm짼 - 5mm짼
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0643241119 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0643241119 Datasheet HTML 1Page - Molex Electronics Ltd. 0643241119 Datasheet HTML 2Page - Molex Electronics Ltd. 0643241119 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0643241119
Status:
Active
Overview:
cmc_connectors
Description:
2.80mm (.110"), CMC CP Female Terminal, Tin plated; Selective 1.27µm Gold in
Contact Area, for Tab Dimensions 2.8mm x 0.8mm , Wire Size > 3mm² - 5mm²
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Terminals
Series
64324
Comments
* Current tested on a fully loaded connector, current for
temperature increase of 40°C. Curent max = 21.0A for
2.8mm Terminal (5.0mm² wire)
Crimp Quality Equipment
Yes
Overview
cmc_connectors
Product Name
CP Terminal
Physical
Durability (mating cycles max)
20
Gender
Female
Material - Metal
High Copper
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Packaging Type
Reel
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.40mm-4.00mm
Wire Size AWG
N/A
Wire Size mm²
> 3.0 - 5.0
Electrical
Current - Maximum per Contact
21A
Voltage - Maximum
250V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-98910-001
Sales Drawing
SD-64324-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
64324Series
Mates With
CMC Connector 64318 , 64321. CMC Wire
Seal 64325
Use With
CMC Connector 64318 , 64321. CMC Wire
Seal 64325
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool for
CP 2.8 Receptacle
12-10 AWG Type
TXL Wire and
>3.00-5.00mm2
0638119900


Similar Part No. - 0643241119

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0643241129 MOLEX7-0643241129 Datasheet
211Kb / 3P
   2.80mm (.110"), CMC CP Female Terminal, Tin plated; Selective 1.27關m Gold inContact Area, for Tab Dimensions 2.8mm x 0.8mm , Wire Size >2mm짼 to 3mm짼
0643241139 MOLEX7-0643241139 Datasheet
211Kb / 3P
   2.80mm (.110"), CMC CP Female Terminal, Tin plated; Selective 1.27關m Gold inContact Area, for Tab Dimensions 2.8mm x 0.8mm , Wire Size >1mm짼 to 2mm짼
0643241149 MOLEX7-0643241149 Datasheet
211Kb / 3P
   2.80mm (.110"), CMC CP Female Terminal, Tin plated, Selective 1.27關m Gold inContact Area, for Tab Dimensions 2.8mm x 0.8mm , Wire Size 0.50mm짼 to 1mm짼
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com