Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S524AD0XF1 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S524AD0XF1
Description  128K/256K-bit Serial EEPROM for Low Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S524AD0XF1 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S524AD0XF1 Datasheet HTML 3Page - Samsung semiconductor S524AD0XF1 Datasheet HTML 4Page - Samsung semiconductor S524AD0XF1 Datasheet HTML 5Page - Samsung semiconductor S524AD0XF1 Datasheet HTML 6Page - Samsung semiconductor S524AD0XF1 Datasheet HTML 7Page - Samsung semiconductor S524AD0XF1 Datasheet HTML 8Page - Samsung semiconductor S524AD0XF1 Datasheet HTML 9Page - Samsung semiconductor S524AD0XF1 Datasheet HTML 10Page - Samsung semiconductor S524AD0XF1 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DATA SHEET
S524AD0XD1/D0XF1 SERIAL EEPROM
8-7
Master
SCL Line
Data from
Transmitter
ACK
ACK from
Receiver
Bit 9
Bit 1
Figure 8-8. Acknowledge Response from Receiver
Slave Address: After the master initiates a start condition, it must output the address of the device to be
accessed. The most significant four bits of the slave address are called the “device identifier.” The identifier
for the S524AD0XD1/D0XF1 is “1010B”. The next three bits comprise the address of a specific device. The
device address is defined by the state of the A0, A1, and A2 pins. Using this addressing scheme, you can
cascade up to eight S524AD0XD1/D0XF1s on the bus (see Figure 8-9 below).
Read/Write: The final (eighth) bit of the slave address defines the type of operation to be performed. If the
R/W bit is “1”, a read operation is executed. If it is “0”, a write operation is executed.
Slave
Address
First Word
Address
Second Word
Address
NOTES:
1.
The A14 is "don't care" for the S524AD0XD1.
2.
X = Don't care
1
0
1
0
A2
A1
A0
R/W
Device Identifier
Device Select
First (High) Address
Second (Low) Address
X(2)
A14(1)
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Figure 8-9. Device Address


Similar Part No. - S524AD0XF1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524A40X10 SAMSUNG-S524A40X10 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
S524A40X11 SAMSUNG-S524A40X11 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
S524A40X20 SAMSUNG-S524A40X20 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
S524A40X21 SAMSUNG-S524A40X21 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
S524A40X40 SAMSUNG-S524A40X40 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
More results

Similar Description - S524AD0XF1

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com