Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0670689001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0670689001
Description  Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right Angle, with KinkedSolder Tabs, Color White, 0.76關m (30關") Gold(Au)Plating, Tray Pack, Lead Free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0670689001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0670689001 Datasheet HTML 1Page - Molex Electronics Ltd. 0670689001 Datasheet HTML 2Page - Molex Electronics Ltd. 0670689001 Datasheet HTML 3Page - Molex Electronics Ltd. 0670689001 Datasheet HTML 4Page - Molex Electronics Ltd. 0670689001 Datasheet HTML 5Page - Molex Electronics Ltd. 0670689001 Datasheet HTML 6Page - Molex Electronics Ltd. 0670689001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0670689001
Status:
Active
Description:
Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right Angle, with Kinked
Solder Tabs, Color White, 0.76µm (30µ") Gold(Au)Plating, Tray Pack, Lead Free
Documents:
3D Model
Product Specification PS-67998-0000 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
67068
Application
Wire-to-Board
Comments
Single
Component Type
Receptacle
Product Name
USB
Type
B
Physical
Boot Color
N/A
Circuits (Loaded)
4
Circuits (maximum)
4
Gender
Receptacle
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.110 In
PC Tail Length (mm)
2.80 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Pitch - Term. Interface (in)
0.098 In
Pitch - Term. Interface (mm)
2.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.90
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
0°C to +50°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
1.5A
Shield Type
Full Shield
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67068Series
Mates With
USB Type B Plug


Similar Part No. - 0670689001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0670689001 MOLEX1-0670689001 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right-Angle, with Kinked Solder Tabs, Color White, 0.76關m Gold (Au)Plating, Tray Pack, Lead-Free
0670689001 MOLEX1-0670689001_18 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right-Angle, with Kinked Solder Tabs, Color White, 0.76關m Gold (Au)Plating, Tray Pack, Lead-Free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com