Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S524C80D40 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S524C80D40
Description  1K/2K/4K/8K-bit Serial EEPROM with software write protect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S524C80D40 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S524C80D40 Datasheet HTML 3Page - Samsung semiconductor S524C80D40 Datasheet HTML 4Page - Samsung semiconductor S524C80D40 Datasheet HTML 5Page - Samsung semiconductor S524C80D40 Datasheet HTML 6Page - Samsung semiconductor S524C80D40 Datasheet HTML 7Page - Samsung semiconductor S524C80D40 Datasheet HTML 8Page - Samsung semiconductor S524C80D40 Datasheet HTML 9Page - Samsung semiconductor S524C80D40 Datasheet HTML 10Page - Samsung semiconductor S524C80D40 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DATA SHEET
S524C20D10/20D20/80D40/80D80 SERIAL EEPROM
4-7
Master
SCL Line
Data from
Transmitter
ACK
ACK from
Receiver
Bit 9
Bit 1
Figure 4-8. Acknowledge Response From Receiver
Slave Address: After the master initiates a Start condition, it must output the address of the device to be
accessed. The most significant four bits of the slave address are called the “device identifier”. The identifier
for the S524C20D10/20D20/80D40/80D80 is “1010B”. The next three bits comprise the address of a specific
device. The device address is defined by the state of the A0, A1 and A2 pins. Using this addressing scheme,
you can cascade up to eight S524C20D10/20D20 or four S524C80D40 or two for S524C80D80 on the bus
(see Table 4-2 below). The b1 for S524C80D40 or the b1, b2 for S524C80D80 are used by the master to
select which of the blocks of internal memory (1 block = 256 words) are to be accessed. The bits are in effect
the most significant bit of the word address.
Read/Write: The final (eighth) bit of the slave address defines the type of operation to be performed. If the
R/W bit is “1”, a read operation is executed. If it is “0”, a write operation is executed.
Table 4-2. Slave Device Addressing
Function
Device Identifier
Device Address
R/W Bit
b7
b6
b5
b4
b3
b2(note)
b1(note)
b0
Read
1
0
1
0
A2
A1
A0
1
Write
1
0
1
0
A2
A1
A0
0
Write-protect
0
1
1
0
A2
A1
A0
0
NOTE: The b1 for the S524C80D40 or the b2, b1 for the S524C80D80 correspond to the MSB of the memory array
address word.


Similar Part No. - S524C80D40

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C80D41 SAMSUNG-S524C80D41 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
More results

Similar Description - S524C80D40

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524A40X10 SAMSUNG-S524A40X10 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Microchip Technology
93LCS56 MICROCHIP-93LCS56 Datasheet
133Kb / 12P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
1996
93LCS56 MICROCHIP-93LCS56_04 Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Microchip Technology
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com