Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5A1901H02 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S5A1901H02
Description  AUDIO EFFECT PROCESSOR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5A1901H02 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S5A1901H02 Datasheet HTML 2Page - Samsung semiconductor S5A1901H02 Datasheet HTML 3Page - Samsung semiconductor S5A1901H02 Datasheet HTML 4Page - Samsung semiconductor S5A1901H02 Datasheet HTML 5Page - Samsung semiconductor S5A1901H02 Datasheet HTML 6Page - Samsung semiconductor S5A1901H02 Datasheet HTML 7Page - Samsung semiconductor S5A1901H02 Datasheet HTML 8Page - Samsung semiconductor S5A1901H02 Datasheet HTML 9Page - Samsung semiconductor S5A1901H02 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
S5A1901H02
AUDIO EFFECT PROCESSOR
6
S5A1901H02 PIN DESCRIPTION
No
Pin Name
I/O
Function
Pad Type
Pull Up/Down
1
ALO
AO
D/A analog output: left channel, 1Vrms
magnitude centered around VREF
2
ARO
AO
D/A analog output: right channel, 1 Vrms
magnitude centered around VREF
3
VSS2
AG
Codec analog ground
4
VDD13
DP
Codec digital power +5 V
5
GND13
DG
Codec digital ground
6
VDD0
DP
Codec digital power +5 V
7
GND0
DG
Codec digital ground
8~11
NC
Reserved for chip test
12
VDD1
DP
Digital power +5 V
13
GND1
DG
Digital ground
14~17
NC
Reserved for chip test
18
VDD2
DP
Digital power +5 V
19
GND2
DG
Digital ground
20~27
NC
Reserved for chip test
28
VDD3
DP
Digital power +5 V
29
GND3
DG
Digital ground
30
SAS
DI
I2C bus interface slave address selection
Down
31
HMS
DI
Host interface mode selection (0: normal, 1: I2C)
Down
32
HCLK
DI
Normal host interface bit clock (max 400kHz)
Schmitt trigger
Up
33
HWEB
DI
Normal host interface write enable
(HWEB = 0: write, HWEB = 1: read)
Schmitt trigger
Up
34
HDATA
I/O
Normal host interface data In/Out
(HWEB = 0: in, HWEB = 1: out)
Schmitt trigger
Down
35
VDD4
DP
Digital power +5 V
36
GND4
DG
Digital ground
37
SCL
DI
I2C bus interface serial bit clock
Open drain
38
SDA
I/O
I2C bus interface serial data in/out
Open drain
39
VDD5
DP
Digital power +5 V
40
GND5
DG
Digital ground


Similar Part No. - S5A1901H02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5A1903X01 SAMSUNG-S5A1903X01 Datasheet
128Kb / 20P
   DATA PROCESSOR
S5A1903X01-E0R0 SAMSUNG-S5A1903X01-E0R0 Datasheet
128Kb / 20P
   DATA PROCESSOR
More results

Similar Description - S5A1901H02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KD16901 SAMSUNG-KD16901 Datasheet
959Kb / 70P
   AUDIO EFFECT PROCESSOR
logo
Silan Microelectronics ...
SC5387 SILAN-SC5387 Datasheet
100Kb / 5P
   3D EFFECT AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
   3D Effect Audio Processor IC
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
   3D Effect Audio Processor IC
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1173 NJRC-NJW1173 Datasheet
155Kb / 17P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com