Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5C7212X01-E0R0 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S5C7212X01-E0R0
Description  TIMING & SYNC. GENERATOR FOR B/W CCD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5C7212X01-E0R0 Datasheet(HTML) 3 Page - Samsung semiconductor

  S5C7212X01-E0R0 Datasheet HTML 1Page - Samsung semiconductor S5C7212X01-E0R0 Datasheet HTML 2Page - Samsung semiconductor S5C7212X01-E0R0 Datasheet HTML 3Page - Samsung semiconductor S5C7212X01-E0R0 Datasheet HTML 4Page - Samsung semiconductor S5C7212X01-E0R0 Datasheet HTML 5Page - Samsung semiconductor S5C7212X01-E0R0 Datasheet HTML 6Page - Samsung semiconductor S5C7212X01-E0R0 Datasheet HTML 7Page - Samsung semiconductor S5C7212X01-E0R0 Datasheet HTML 8Page - Samsung semiconductor S5C7212X01-E0R0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01
3
Information 1) MD2 and MD1 mode selection ( Pull - down )
Information 2 ) EE2 and EE1 shutter speed mode selection ( Pull - up )
No
Symbol
I/O
Description
Remark
33
ϕRG
O
Reset gate pulse
34
VDD4
-
+5V
35
ϕH2
O
Horizontal transfer pulse 2 ( Mirror mode)
36
ϕH1
O
Horizontal transfer pulse 1 ( Normal mode’H1’)
37
ϕH3
O
Horizontal transfer pulse 3 ( Normal mode’H2’)
38
ϕH4
O
Horizontal transfer pulse 4 ( Mirror mode )
39
VSS5
-
Ground
40
X1
I
Oscillation clock Input
EIA : 19,069928MHz
CCIR : 18.93750MHz
41
X2
O
Oscillation clock Output
42
VDD5
O
+5V
43
CL
O
1/2 Oscillation clock
EIA : 9.53496MHz
CCIR : 9.46875MHz
44
VSS6
-
Ground
45
TS2
I
Test Input 2
46
TS1
I
Test Input 1
47
TS0
I
Test Input 0
48
PWR
-
Power On Reset
MD2
MD1
MODE
L
L
EIA NORMAL
H
EIA MIRROR
H
L
CCIR NORMAL
H
CCIR MIRROR
EE2
EE1
MODE
L
L
SHUTTER SPEED STOP
H
SHUTTER SPEED UP
H
L
SHUTTER SPEED DOWN
H
SHUTTER SPEED STOP


Similar Part No. - S5C7212X01-E0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7212X01-E0R0 SAMSUNG-S5C7212X01-E0R0 Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
More results

Similar Description - S5C7212X01-E0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7212 SAMSUNG-KS7212 Datasheet
201Kb / 18P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7214 SAMSUNG-KS7214 Datasheet
539Kb / 36P
   Timing & SYNC. Generator for B/W CCD
S5C7214X01 SAMSUNG-S5C7214X01 Datasheet
559Kb / 34P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sony Corporation
CXD1261AR SONY-CXD1261AR Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
logo
Sharp Corporation
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
   Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
   Timing Pulse Generator LSI for CCD
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
   CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com