Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50232-3573 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 50232-3573
Description  Ring Tongue Terminal for 10 and 12 AWG, Closed Insulated Vinyl Flared BarrelYellow, Stud Size 10 (M5), Oxygen-Free Copper, Length 26.60mm (1.047"), Width7.10mm (.280")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50232-3573 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  50232-3573 Datasheet HTML 1Page - Molex Electronics Ltd. 50232-3573 Datasheet HTML 2Page - Molex Electronics Ltd. 50232-3573 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 50232-3573

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50232-3543 MOLEX7-50232-3543 Datasheet
188Kb / 3P
   Ring Tongue Terminal for 10 and 12 AWG, Closed Insulated Vinyl Flared BarrelYellow, Stud Size 8 (M4), Oxygen-Free Copper, Length 26.60mm (1.047"), Width9.50mm (.374")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com