Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5C7212X Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S5C7212X
Description  TIMING & SYNC. GENERATOR FOR B/W CCD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5C7212X Datasheet(HTML) 4 Page - Samsung semiconductor

  S5C7212X Datasheet HTML 1Page - Samsung semiconductor S5C7212X Datasheet HTML 2Page - Samsung semiconductor S5C7212X Datasheet HTML 3Page - Samsung semiconductor S5C7212X Datasheet HTML 4Page - Samsung semiconductor S5C7212X Datasheet HTML 5Page - Samsung semiconductor S5C7212X Datasheet HTML 6Page - Samsung semiconductor S5C7212X Datasheet HTML 7Page - Samsung semiconductor S5C7212X Datasheet HTML 8Page - Samsung semiconductor S5C7212X Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
S5C7212X01
TIMING & SYNC. GENERATOR FOR B/W CCD
4
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD=5V, Ta=25°C, unless otherwise specified)
Characteristics
Symbol
Value
Unit
Supply Voltage
VCC
7
V
Input Voltage
VI
VSS-0.5 − VDD+0.5
V
Output Voltage
VO
VSS-0.5 − VDD+0.5
V
Operating Temperature
TOPR
-20
− +75
°C
Storage Temperature
TSTG
-55
− +150
°C
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VDD
-
4.75
5.0
5.25
V
Input Voltage 2
VIH
-
0.7VDD
-
-
V
VIL
-
-
-
0.3VDD
V
Output Voltage 1
VOH1
IOH1 = -2mA
VDD-0.5
-
-
V
VOL1
IOL1 = 4mA
-
-
0.6
V
Output Voltage 2
VOH2
IOH2 = -4mA
VDD-0.5
-
-
V
(CL, RG, SHP, SHD)
VOL2
IOL2 = 8mA
-
-
0.6
V
Output Voltage 3
VOH3
IOH3 = -8mA
VDD-0.5
-
-
V
(H1, H2, H3, H4)
VOL3
IOL3 = 8mA
-
-
0.6
V


Similar Part No. - S5C7212X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7212X SAMSUNG-S5C7212X Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
S5C7212X01-E0R0 SAMSUNG-S5C7212X01-E0R0 Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
More results

Similar Description - S5C7212X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7212 SAMSUNG-KS7212 Datasheet
201Kb / 18P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7214 SAMSUNG-KS7214 Datasheet
539Kb / 36P
   Timing & SYNC. Generator for B/W CCD
S5C7214X01 SAMSUNG-S5C7214X01 Datasheet
559Kb / 34P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sony Corporation
CXD1261AR SONY-CXD1261AR Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
logo
Sharp Corporation
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
   Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
   Timing Pulse Generator LSI for CCD
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
   CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com