Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5D2508A01-D0B0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S5D2508A01-D0B0
Description  OSD PROCESSOR FOR MONITOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D2508A01-D0B0 Datasheet(HTML) 4 Page - Samsung semiconductor

  S5D2508A01-D0B0 Datasheet HTML 1Page - Samsung semiconductor S5D2508A01-D0B0 Datasheet HTML 2Page - Samsung semiconductor S5D2508A01-D0B0 Datasheet HTML 3Page - Samsung semiconductor S5D2508A01-D0B0 Datasheet HTML 4Page - Samsung semiconductor S5D2508A01-D0B0 Datasheet HTML 5Page - Samsung semiconductor S5D2508A01-D0B0 Datasheet HTML 6Page - Samsung semiconductor S5D2508A01-D0B0 Datasheet HTML 7Page - Samsung semiconductor S5D2508A01-D0B0 Datasheet HTML 8Page - Samsung semiconductor S5D2508A01-D0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
S5D2508A01
OSD PROCESSOR FOR MONITOR
4
PIN DESCRIPTIONS
Table 1. Pin Descriptions
Pin No.
Signal
Active
I/O
Description
1
VSS_A
-
-
Ground (Analog Part)
2
VCO_IN
-
Input
This voltage is generated at the external loop filter and
goes into the input stage of the VCO.
3
VREF1
-
Input
1.26 V DC Voltage from the Bandgap Reference.
Connected to ground through a resistor to make internal
reference current (Typical 36 K
Ω for 27µA)
4
VDD_A
-
-
+5 V Supply Voltage for Analog Part
5
VREF
-
Input
Bandgap Reference Voltage (Typical 1.26 V)
6
HFLB
Low
Input
Horizontal Flyback Signal
7
SDA
-
In/Out
Serial Data (I2C)
8
SCL
-
In/Out
Serial Clock (I2C)
9
VFLB
Low
Input
Vertical Flyback Signal
10
VSS_D
-
-
Ground for Digital Part
11
FBLK
-
Output
Fast Blank Signal
12
B_OUT
-
Output
Video Signal Output (B)
13
G_OUT
-
Output
Video Signal Output (G)
14
R_OUT
-
Output
Video Signal Output (R)
15
INT
-
Output
Intensity Signal Output
16
VDD_D
-
-
+5 V SUpply Voltage for Dogital Part


Similar Part No. - S5D2508A01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
S5D2509 SAMSUNG-S5D2509 Datasheet
289Kb / 32P
   OSD PRESSOR FOR MONITOR (PRELIMINARY)
More results

Similar Description - S5D2508A01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
logo
STMicroelectronics
STV9432 STMICROELECTRONICS-STV9432 Datasheet
186Kb / 18P
   100MHz OSD FOR MONITOR
logo
Samsung semiconductor
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
S5D2509 SAMSUNG-S5D2509 Datasheet
289Kb / 32P
   OSD PRESSOR FOR MONITOR (PRELIMINARY)
logo
NXP Semiconductors
PCB8517 PHILIPS-PCB8517 Datasheet
740Kb / 24P
   Stand-alone OSD for monitor applications
1997 Mar 03
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
   Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
   Advanced monitor video controller for OSD
1997 Nov 26
logo
Winbond
W82C610 WINBOND-W82C610 Datasheet
54Kb / 6P
   MONITOR SOFTWARE OSD IC
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
Samsung semiconductor
S5D2510 SAMSUNG-S5D2510 Datasheet
267Kb / 32P
   stand-alone OSD Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com