Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0511910300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0511910300
Description  2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With Guide Rails, 3 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0511910300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0511910300 Datasheet HTML 1Page - Molex Electronics Ltd. 0511910300 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0511910300
Status:
Active
Description:
2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With Guide
Rails, 3 Circuits
Documents:
3D Model
Product Specification PS-51191-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51191-002 (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
51191
MolexKits
Yes
Product Name
N/A
Physical
Circuits (maximum)
3
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51191-001
Product Specification
PS-51191-002, PS-51191-003, RPS-51191-007
Sales Drawing
SD-51191-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51191Series
Mates With
5045 Vertical Header . 5046 Right Angle
Header . 5240 Plug Housing
Use With
50802 Crimp Terminal
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0511910300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0511910200 MOLEX7-0511910200 Datasheet
114Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With GuideRails, 2 Circuits
0511910400 MOLEX7-0511910400 Datasheet
115Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With Guide Rails, 4 Circuits
0511910500 MOLEX7-0511910500 Datasheet
115Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With Guide Rails, 5 Circuits
0511910600 MOLEX7-0511910600 Datasheet
115Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With GuideRails, 6 Circuits
0511910700 MOLEX7-0511910700 Datasheet
115Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With GuideRails, 7 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com