Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0533750790 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0533750790
Description  2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Vertical, Friction and PositiveLock, Radial Tape Packaging, 7 Circuits, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0533750790 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0533750790 Datasheet HTML 1Page - Molex Electronics Ltd. 0533750790 Datasheet HTML 2Page - Molex Electronics Ltd. 0533750790 Datasheet HTML 3Page - Molex Electronics Ltd. 0533750790 Datasheet HTML 4Page - Molex Electronics Ltd. 0533750790 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0533750790
Status:
Active
Overview:
minilock
Description:
2.50mm (.098") Pitch Mini-Lock™ Wire-to-Board Header, Vertical, Friction and Positive
Lock, Radial Tape Packaging, 7 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-51163-001 (PDF)
Drawing (PDF)
Product Specification PS-51163-002 (PDF)
Product Specification PS-51103-005 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51103-007 (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
53375
Application
Wire-to-Board
Overview
minilock
Product Name
Mini-Lock™
Physical
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.134 In
PC Tail Length (mm)
3.40 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Radial Tape
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53375Series
Mates With
Mini-Lock™ Wire-to-Board and Wire-to-Wire
Crimp Terminal 51103 , 51102 , 51163


Similar Part No. - 0533750790

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0533750710 MOLEX7-0533750710 Datasheet
208Kb / 4P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Vertical, Friction and PositiveLock, 7 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com