Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0532583002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0532583002
Description  3.50mm (.138") Pitch Header, Vertical, Lead-free, 2 Circuits, Phosphor Bronze (CuSnContact
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0532583002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0532583002 Datasheet HTML 1Page - Molex Electronics Ltd. 0532583002 Datasheet HTML 2Page - Molex Electronics Ltd. 0532583002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
4.5A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51067-022, RPS-51067-027, RPS-51067-034,
RPS-51067-036
Sales Drawing
SD-53258-008
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0532583002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0532583003 MOLEX7-0532583003 Datasheet
120Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 3 Circuits, Phosphor Bronze (CuSnContact
0532583004 MOLEX7-0532583004 Datasheet
120Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 4 Circuits, Phosphor Bronze (CuSnContact
0532583005 MOLEX7-0532583005 Datasheet
119Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 5 Circuits, Phosphor Bronze (CuSnContact
0532583006 MOLEX7-0532583006 Datasheet
120Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 6 Circuits, Phosphor Bronze (CuSn)Contact
0532583007 MOLEX7-0532583007 Datasheet
119Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 7 Circuits, Phosphor Bronze (CuSn)Contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com