Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5N8951 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S5N8951
Description  G.dmt ADSL Analog Front End IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5N8951 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S5N8951 Datasheet HTML 6Page - Samsung semiconductor S5N8951 Datasheet HTML 7Page - Samsung semiconductor S5N8951 Datasheet HTML 8Page - Samsung semiconductor S5N8951 Datasheet HTML 9Page - Samsung semiconductor S5N8951 Datasheet HTML 10Page - Samsung semiconductor S5N8951 Datasheet HTML 11Page - Samsung semiconductor S5N8951 Datasheet HTML 12Page - Samsung semiconductor S5N8951 Datasheet HTML 13Page - Samsung semiconductor S5N8951 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
S5N8951X
G.dmt ADSL Analog Front End IC
CONFIDENTIAL
Preliminary Information (Rev.1.0)
3. BLOCK DESCRIPTIONS
3.1 ADC / DAC
S5N8951X01 has a 14bit resolution ADC 4.416M/8.832M sample frequency.
The input of ADC is fully differential 2.0Vppd Max. The ADC transforms the
signal into a digital 14bit output.
There are two type of DAC’ s in S5N8951X01. One is for TX. It is 14bit
4.416MHz/8.832MHz frequency. Samsung’ s DMT(S5N8950) transmit 14bit
parallel data to the AFE chip. The other DAC is for VCXO control. It has 10bit
resolution 4KHz frequency. Internal registers of S5N8951X01 transform 10bit
VCXO control serial data from DSP into 10bit parallel data. And VCXO output
analog signal CONT_DAX(Pin #40).
3.2 TX/RX LPF
3.2.1 RX FILTERS
The combination of the external filter ( an LC ladder filter typically ) with the
integrated low pass filter must provide:
-
DMT sidelobe and out of band ( anti-aliasing ) attenuation
-
Anti alias filter ( 60dB rejection @ image frequency )
-
On chip tuning circuit included.
3.2.2 TX FILTERS
The TX Filters act not only to suppress the DMT sidebands but also as
smoothing filters on the D/A converter’ s output to suppress the image spectrum.
For this reason they are realized in a time continuous approach and on chip
tuning circuit included
3.3 TX/RX AGC
TX AGC has 0~-24dB gains with 2dB step. It is controlled through 8bit serial
digital signal from DSP. Internal registers of Samsung AFE Chips transform
8bit parallel control data. It outputs 2Vppd fully differential signal to line driver.
RX AGC has low noise 0~42dB gains with 0.4dB step and It is controlled
through 12bit + 1MSB control signal. If 1MSB is high, another RX input pass
pin#55 RX_INNG #56 RX_INNP(external -14dB gain pass) is seclected. It inputs
2Vppd fully differential signal to RX LPF.


Similar Part No. - S5N8951

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5N8950 SAMSUNG-S5N8950 Datasheet
203Kb / 19P
   G.dmt ADSL Transceiver for CO and CPE
S5N8952 SAMSUNG-S5N8952 Datasheet
212Kb / 18P
   ADSL Transceiver for NIC
S5N8952X SAMSUNG-S5N8952X Datasheet
212Kb / 18P
   ADSL Transceiver for NIC
More results

Similar Description - S5N8951

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5N8943B SAMSUNG-S5N8943B Datasheet
263Kb / 22P
   G.Lite ADSL Analog Front End IC
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
[Old version datasheet]   ADSL ANALOG FRONT-END
AFE1302 TI-AFE1302 Datasheet
221Kb / 11P
[Old version datasheet]   ADSL ANALOG FRONT-END
logo
Intersil Corporation
HC6094 INTERSIL-HC6094 Datasheet
51Kb / 9P
   ADSL Analog Front End Chip
February 1999
logo
STMicroelectronics
ST70136 STMICROELECTRONICS-ST70136 Datasheet
361Kb / 24P
   CPE ADSL ANALOG FRONT END
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
   INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
   QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
   ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
January 2001
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
   TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com