Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5N8952 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S5N8952
Description  ADSL Transceiver for NIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5N8952 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S5N8952 Datasheet HTML 6Page - Samsung semiconductor S5N8952 Datasheet HTML 7Page - Samsung semiconductor S5N8952 Datasheet HTML 8Page - Samsung semiconductor S5N8952 Datasheet HTML 9Page - Samsung semiconductor S5N8952 Datasheet HTML 10Page - Samsung semiconductor S5N8952 Datasheet HTML 11Page - Samsung semiconductor S5N8952 Datasheet HTML 12Page - Samsung semiconductor S5N8952 Datasheet HTML 13Page - Samsung semiconductor S5N8952 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
S5N8952X
ADSL Transceiver for NIC
Preliminary Information (Rev.2.0)
needed)
106
AFE_PME
I
AFE power management event (Active high. Float if
not needed)
105
AFE_NOISE
I
Audible noise detection for power cutback (Active
high. Float if not needed)
155
AFE_DA_CLK
O
DAC sample reference 1 (8.832MHz)
151
AFE_DA_REF
O
DAC sample reference 0 (4.416MHz)
145
AFE_DA_DAT_6
140
AFE_DA_DAT_5
136
AFE_DA_DAT_4
134
AFE_DA_DAT_3
130
AFE_DA_DAT_2
128
AFE_DA_DAT_1
118
AFE_DA_DAT_0
O
DAC data [6:0]
135
AFE_AD_CLK
I
ADC sample reference 1 (Float in normal mode)
131
AFE_AD_REF
I
ADC sample reference 0 (Float in normal mode)
129
AFE_AD_DAT_6
125
AFE_AD_DAT_5
123
AFE_AD_DAT_4
124
AFE_AD_DAT_3
115
AFE_AD_DAT_2
119
AFE_AD_DAT_1
113
AFE_AD_DAT_0
I
ADC Data [6:0]
104
TL_TMS
I
JTAG test mode select (Float in normal mode)
103
TL_TCK
I
JTAG test clock (Float in normal mode)
100
TL_TDI
I
JTAG test input data (Float in normal mode)
99
TL_TDO
OZ
JTAG test output data (Float in normal mode)
98
TL_TINTP
O
TJAM interrupt to host (Float in normal mode)
11
VDD3
22
VDD6
31
VDD9
42
VDD12
59
VDD16
77
VDD20
85
VDD22
97
VDD24
110
VDD26
127
VDD28
138
VDD30
148
VDD32
159
VDD34
162
VDD35
180
VDD40
202
VDD45
P1
1.8V supply voltage
3
VDD1
14
VDD4
18
VDD5
P1
3.3V supply voltage


Similar Part No. - S5N8952

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5N8950 SAMSUNG-S5N8950 Datasheet
203Kb / 19P
   G.dmt ADSL Transceiver for CO and CPE
S5N8951 SAMSUNG-S5N8951 Datasheet
262Kb / 22P
   G.dmt ADSL Analog Front End IC
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
   G.dmt ADSL Analog Front End IC
More results

Similar Description - S5N8952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MTC20136 STMICROELECTRONICS-MTC20136 Datasheet
634Kb / 25P
   ADSL TRANSCEIVER CONTROLLER
logo
Samsung semiconductor
S5N8950 SAMSUNG-S5N8950 Datasheet
203Kb / 19P
   G.dmt ADSL Transceiver for CO and CPE
S5N8944B SAMSUNG-S5N8944B Datasheet
183Kb / 21P
   G.Lite ADSL Transceiver for CO and CPE
logo
Infineon Technologies A...
PEB55508 INFINEON-PEB55508 Datasheet
552Kb / 2P
   GEMINAX ADSL Transceiver Chipset
2001
logo
STMicroelectronics
STLC60135 STMICROELECTRONICS-STLC60135 Datasheet
189Kb / 25P
   TOSCA ADSL DMT TRANSCEIVER
MTC20455 STMICROELECTRONICS-MTC20455 Datasheet
662Kb / 23P
   QUAD ADSL DMT TRANSCEIVER
logo
Infineon Technologies A...
PEB35512 INFINEON-PEB35512 Datasheet
266Kb / 2P
   Global Enhanced Multiport Integrated ADSL Transceiver
2001
logo
LinkCom Manufacturing C...
LAF0012-C LINKCOM-LAF0012-C Datasheet
84Kb / 2P
   SPLITTER FOR ADSL
logo
Filtran LTD
7200 FILTRAN-7200 Datasheet
182Kb / 2P
   ADSL 24 CHANNEL POTS SPLITTER FOR ADSL
logo
STMicroelectronics
ST70137 STMICROELECTRONICS-ST70137 Datasheet
140Kb / 22P
   UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com