Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0671300809 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0671300809
Description  1.27mm (.050") PC Card Header: Single Slot, Flush Profile, Top Mount, Right Angle,SMT, with Mylar, Tray Packaging, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0671300809 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0671300809 Datasheet HTML 1Page - Molex Electronics Ltd. 0671300809 Datasheet HTML 2Page - Molex Electronics Ltd. 0671300809 Datasheet HTML 3Page - Molex Electronics Ltd. 0671300809 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0671300809
Status:
Active
Description:
1.27mm (.050") PC Card Header: Single Slot, Flush Profile, Top Mount, Right Angle,
SMT, with Mylar, Tray Packaging, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
67130
Button Type
N/A
Comments
With Mylar, Tray Packaging
Component Type
Header/Socket (Host)
Product Name
CardBus, PC Card
Type
I, II, III
Physical
Card Detection Switch
N/A
Circuits (Loaded)
68
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle (Side Entry)
Keying to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
PCB Locator
Yes
PCB Mounting Side
Normal
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
100V AC
Voltage Key
3.3V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-67130-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67130Series
Use With
67121 Ejector Mechanism
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0671300809

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0671300801 MOLEX7-0671300801 Datasheet
261Kb / 3P
   1.27mm (.050") PC Card Header, One Slot, Flush Profile, Top Mount, Right AngleSMT, without Mylar, Embossed Tape on Reel Packaging, Lead-free
0671300802 MOLEX7-0671300802 Datasheet
260Kb / 4P
   1.27mm (.050") PC Card Header: Single Slot, Flush Profile, Top Mount, Right AngleSMT, without Mylar, Tape and Reel Packaging, Lead-free
0671300806 MOLEX7-0671300806 Datasheet
262Kb / 4P
   1.27mm (.050") Card Bus Header: One Slot, Flush Profile, Top Mount, Right AngleSMT, with Mylar, Embossed Tape on Reel Packaging, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com