Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0525840579 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0525840579
Description  1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 8.009.00, 10.00, and 18.00mm (.315, .354, .394 and .709") Stacking Heights, 50 CircuitsLead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0525840579 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0525840579 Datasheet HTML 1Page - Molex Electronics Ltd. 0525840579 Datasheet HTML 2Page - Molex Electronics Ltd. 0525840579 Datasheet HTML 3Page - Molex Electronics Ltd. 0525840579 Datasheet HTML 4Page - Molex Electronics Ltd. 0525840579 Datasheet HTML 5Page - Molex Electronics Ltd. 0525840579 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - 0525840579

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0525840279 MOLEX7-0525840279 Datasheet
407Kb / 6P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 8.009.00, 10.00, and 18.00mm (.315, .354, .394 and .709") Stacking Heights, 20 CircuitsLead-free
0525840679 MOLEX7-0525840679 Datasheet
406Kb / 6P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 8.009.00, 10.00, and 18.00mm (.315, .354, .394 and .709") Stacking Heights, 60 Circuits,Lead-free
0525840879 MOLEX7-0525840879 Datasheet
407Kb / 6P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 8.00,10.00, and 18.00mm (.315, .354, .394 and .709") Stacking Heights, 80 CircuitsLead-free,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com