Electronic Components Datasheet Search |
|
S5T8554B02-L0B0 Datasheet(PDF) 9 Page - Samsung semiconductor |
|
S5T8554B02-L0B0 Datasheet(HTML) 9 Page - Samsung semiconductor |
9 / 14 page 1 CHIP CODEC S5T8554B/7B 9 TRANSMISSION CHARACTERISTICS (Unless otherwise specified: Ta = 0 °C to 70°C, V CC = 5V ± 5%, VBB = −5V ± 5%, GNDA = 0V, f = 1.02kHz, VIN = 0dBm0, transmit input amplifier connected for unity-gain non-inverting.) Characteristic Symbol Test Conditions Min. Typ. Max. Unit AMPLITUDE RESPONSE Receive Gain, Absolute GV (ARX) Ta=25 °C, V CC=5V, VBB=−5V Input = Digital code sequence for 0dBm signal at 1020Hz −0.15 − 0.15 dB Receive Gain, Relative to GV (ARX) GV (RRX) f = 0Hz to 3000Hz f = 3300Hz f = 3400Hz f = 4000Hz −0.15 −0.35 −0.7 − 0.15 0.05 0 −14 dB dB dB dB Absolute Receive Gain Variation with Temperature ∆G V (ARX) / ∆T Ta = 0 °C to 70°C − − ±0.1 dB Absolute Receive gain Variation with Supply Voltage ∆G V (ARX) / ∆V VCC=5V ± 5%, VBB=−5V ± 5% − − ±0.05 dB Receive Gain Variations with Level ∆G V (RXL) Sinusoidal test method, reference input PCM code corresponds to an ideally encoded −10dB0 signal PCM level = −40dBm0 to +3dBm0 PCM level = −50dBm0 to −10dBm0 PCM level = −55dBm0 to −50dBm0 −0.2 −0.4 −1.2 − 0.2 0.4 1.2 dB dB dB Receive Output Drive Level VO (RX) RL = 600Ω −2.5 − 2.5 V Absolute Level VAL Norminal 0dBm0 level is 4dBm (600 Ω) 0dBm0 − 1.2276 − Vrms Max Overload Level VOL (AMX) Max overload level (3.17dBm0): S5T8554B Max overload level (3.14dBm0): S5T8557B − 2.501 − VPK Transmit Gain, Absolute GV (ATX) Ta = 25 °C, V CC = 5V, VBB = −5V Input at GSX = 0dBm0 at 1020Hz −0.15 − 0.15 dB Transmit Gain, Relative to GV (ARX) GV (RTX) f = 16Hz f = 50Hz f = 60Hz f = 200Hz f = 300Hz - 3000Hz f = 3300Hz f = 3400Hz f = 4000Hz f = 4600Hz and up, measure response from 0Hz to 4000Hz −1.8 −0.15 −0.35 −0.7 − −40 −30 −26 −0.1 0.15 0.05 0 − −14 −32 dB dB dB dB dB dB dB dB dB dB |
Similar Part No. - S5T8554B02-L0B0 |
|
Similar Description - S5T8554B02-L0B0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |