Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5T8554B03 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S5T8554B03
Description  CODEC FOR DIGITAL ANSWERING PHONE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8554B03 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S5T8554B03 Datasheet HTML 3Page - Samsung semiconductor S5T8554B03 Datasheet HTML 4Page - Samsung semiconductor S5T8554B03 Datasheet HTML 5Page - Samsung semiconductor S5T8554B03 Datasheet HTML 6Page - Samsung semiconductor S5T8554B03 Datasheet HTML 7Page - Samsung semiconductor S5T8554B03 Datasheet HTML 8Page - Samsung semiconductor S5T8554B03 Datasheet HTML 9Page - Samsung semiconductor S5T8554B03 Datasheet HTML 10Page - Samsung semiconductor S5T8554B03 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CODEC FOR DIGITAL ANSWERING PHONE
S5T8554B03
7
TIMING DIAGRAM (Continued)
Figure 3.
NOTE: 1.For Short Frame Sync timing ,FSx and FSR must go high while their respective bit clocks has high level
TRANSMISSION CHARACTERISTICS
(Unless otherwise specified: Ta = 0
°C to 70°C, Vcc = 5V ± 5%, VBB = −5V ± 5%, GNDA = 0V, f = 1.02kHz
Vin = 0dBm0, transmit input amplifier connected for unity-gain, non-inverting )
Characteristic
System
Test Conditions
Min.
Typ.
Max.
Unit
Amplitude Response
Receive Gain, Absolute
GV(ARX)
Ta = 25
°C,VCC = 5V, VBB = −5V
Input = Digital code sequence for
0dBm0 signal at 1020Hz
−1.5
1.5
dB
Receive Gain, Relative to
Gv(RRX)
GV(RRX)
f = 0Hz to 3000Hz
f = 3300Hz
f = 3400Hz
−0.6
−0.55
−1.5
0.5
0.5
1.5
dB
Absolute Receive Gain
Variations with
temperature
∆G
V(ARX)
/
∆T
Ta = 0
°C to 70°C
± 0.1
dB


Similar Part No. - S5T8554B03

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T8554B01 SAMSUNG-S5T8554B01 Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B01-D0B0 SAMSUNG-S5T8554B01-D0B0 Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B01-S0B0 SAMSUNG-S5T8554B01-S0B0 Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B02-L0B0 SAMSUNG-S5T8554B02-L0B0 Datasheet
125Kb / 14P
   1 CHIP CODEC
More results

Similar Description - S5T8554B03

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS8620 SAMSUNG-KS8620 Datasheet
73Kb / 9P
   1 Chip CODEC for Digital Answering phone
logo
Rohm
BU8761KV ROHM-BU8761KV Datasheet
71Kb / 4P
   CODEC IC for digital mobile phone
BU8732AKV ROHM-BU8732AKV Datasheet
159Kb / 11P
   CODEC IC for digital mobile phone
logo
Siemens Semiconductor G...
PSB2168 SIEMENS-PSB2168 Datasheet
897Kb / 185P
   Digital Answering Machine SAM
logo
Maxim Integrated Produc...
DS2132A MAXIM-DS2132A Datasheet
231Kb / 17P
   Digital Answering Machine Processor
041295
logo
National Semiconductor ...
TP3076 NSC-TP3076 Datasheet
222Kb / 18P
   COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
logo
NXP Semiconductors
PCD6003 PHILIPS-PCD6003 Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
PCD6001 PHILIPS-PCD6001 Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Asahi Kasei Microsystem...
AK2308LV AKM-AK2308LV_05 Datasheet
423Kb / 31P
   SPEECH CODEC for Digital Key telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com