Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5T8808A Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S5T8808A
Description  PLL FREQUENCY SHNTHESIZER FOR PAGER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8808A Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S5T8808A Datasheet HTML 3Page - Samsung semiconductor S5T8808A Datasheet HTML 4Page - Samsung semiconductor S5T8808A Datasheet HTML 5Page - Samsung semiconductor S5T8808A Datasheet HTML 6Page - Samsung semiconductor S5T8808A Datasheet HTML 7Page - Samsung semiconductor S5T8808A Datasheet HTML 8Page - Samsung semiconductor S5T8808A Datasheet HTML 9Page - Samsung semiconductor S5T8808A Datasheet HTML 10Page - Samsung semiconductor S5T8808A Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8808A
7
Ex 1) In case of 14-bits program, Fc = 325.300MHz, Multiplier = 4, Fin = 75.975MHz
[Fin Freq. / Ref. Frequ.] = 75.975MHz / 6.25kHz = 12156
According to the above equation, 12156/4(P) = 3039 & left = 0 that means, Swallow CNT value is “0”, Main
CNT value is “3039”.
The PMC bit is Program Control Bit, if [0], the N-Counter will be Enabled.
Table 2. R-Counter Register Program Scheme (17 bits)
Bit
Bit 16 (RD 13) ~ Bit 3 (RD 0)
Bit 2
Bit 1
Bit 0 (LSB)
Name
RefD
FRC
FnFr
PMC
Description
Ref. Program
Data (RD 13 ~ RD 0)
Control Mode
Program mode
control
Function
14 Bit Programmable
Ref. R-Counter
0: No FRC (OSCI/4R)
1: FRC (OSCI/R)
0: Fn, Fr function
1: Fn, Fr Low
0: Rx. N-Counter
1: Ref. R-Counter
Table 3. Control Mode
FRC
FnFr
Fn (Pin 14)
Fr (Pin 15)
0
0
Fn out (Fin / N counter)
Fr out (OSCI / 4 x R)
0
1
LOW
LOW
1
0
Fn out (Fin / N-counter)
Fr out (OSCI / R)
1
1
LOW
LOW
0
0
1
0
1
1
1
1
0
1
1
1
1
1
0
0
0
MSB
LSB
2
13
2
0
2
1
2
0
Main CNT 14 - bits
Swallow CNT 2-bits
PMC bit


Similar Part No. - S5T8808A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T8808 SAMSUNG-S5T8808 Datasheet
93Kb / 10P
   PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8808X01-V0B0 SAMSUNG-S5T8808X01-V0B0 Datasheet
93Kb / 10P
   PLL FREQUENCY SHNTHESIZER FOR PAGER
More results

Similar Description - S5T8808A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS8808A SAMSUNG-KS8808A Datasheet
185Kb / 12P
   PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8808 SAMSUNG-S5T8808 Datasheet
93Kb / 10P
   PLL FREQUENCY SHNTHESIZER FOR PAGER
KS8808 SAMSUNG-KS8808 Datasheet
158Kb / 10P
   PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8809 SAMSUNG-S5T8809 Datasheet
123Kb / 14P
   PLL FREQUENCY SYNTHESIZER FOR PAGER
KS8809 SAMSUNG-KS8809 Datasheet
212Kb / 14P
   PLL FREQUENCY SYNTHESIZER FOR PAGER
logo
Mitsubishi Electric Sem...
MF1073S-1 MITSUBISHI-MF1073S-1 Datasheet
281Kb / 1P
   FOR PAGER,Rx
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC7020AK SANYO-LC7020AK Datasheet
484Kb / 22P
   Controller for PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com