Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53261-1571 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 53261-1571
Description  1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free,
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53261-1571 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  53261-1571 Datasheet HTML 1Page - Molex Electronics Ltd. 53261-1571 Datasheet HTML 2Page - Molex Electronics Ltd. 53261-1571 Datasheet HTML 3Page - Molex Electronics Ltd. 53261-1571 Datasheet HTML 4Page - Molex Electronics Ltd. 53261-1571 Datasheet HTML 5Page - Molex Electronics Ltd. 53261-1571 Datasheet HTML 6Page - Molex Electronics Ltd. 53261-1571 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-53261-001, SPK-53261-002
Product Specification
PS-51021-024, RPS-51021-036, RPS-51021-038,
RPS-51021-039, RPS-51021-040, RPS-51021-042,
RPS-51021-043, RPS-51021-045, RPS-51021-046,
RPS-51021-047, RPS-51021-051, RPS-51021-053,
RPS-51021-054, RPS-51021-057, RPS-51021-058,
RPS-51021-061, RPS-51021-062, RPS-51021-066,
RPS-51021-067, RPS-51021-068, RPS-51021-072,
RPS-51021-073, RPS-51021-076, RPS-51021-079,
RPS-51021-081, RPS-51021-085, RPS-51021-086,
RPS-51021-091, RPS-51021-097, RPS-51021-099,
RPS-51021-101, RPS-53261-001, RPS-53261-002
Sales Drawing
SD-51021-002, SD-53261-023, SD-53261-024
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 53261-1571

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53261-1590 MOLEX-53261-1590 Datasheet
349Kb / 5P
   1.25 W-TO-B CONN. MATING CROSS SECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com