Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-74320-034 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-74320-034
Description  MicroCross??DVI-D Digital Interface
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

SD-74320-034 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-74320-034 Datasheet HTML 1Page - Molex Electronics Ltd. SD-74320-034 Datasheet HTML 2Page - Molex Electronics Ltd. SD-74320-034 Datasheet HTML 3Page - Molex Electronics Ltd. SD-74320-034 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
3A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74320-009, PK-74320-010
Sales Drawing
SD-74320-034
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-74320-034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-74300-004 MOLEX8-SD-74300-004 Datasheet
157Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard
More results

Similar Description - SD-74320-034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887418900 MOLEX10-0887418900 Datasheet
182Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-Digital Plug to P&D-Digital Receptacle
0887419200 MOLEX10-0887419200 Datasheet
140Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-Digital Receptacle to P&D-Digital Plug
0887419400 MOLEX10-0887419400 Datasheet
101Kb / 2P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to DVI Digital Plug
0887419300 MOLEX10-0887419300 Datasheet
151Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-Digital Receptacle to DFP Plug
0887418800 MOLEX10-0887418800 Datasheet
144Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-Digital Plug to DFP Receptacle
0887418510 MOLEX10-0887418510 Datasheet
181Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-P&D-Digital, Black, 3.0m (9.84) Length
0887418500 MOLEX10-0887418500 Datasheet
181Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-P&D-Digital, Black, 2.0m (6.56) Length
0887418520 MOLEX10-0887418520 Datasheet
170Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-P&D-Digital, Black, 5.0m (16.40) Length
0887418020 MOLEX10-0887418020 Datasheet
182Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to- DVI-Digital, Single Link TMDS, Black, 5.0m Length
0887418120 MOLEX10-0887418120 Datasheet
175Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-DVI-Digital, Dual Link TMDS, Black, 5.0m (16.40) Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com