Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0740950034 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0740950034
Description  2.54mm (.100") Pitch SL??Header
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0740950034 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0740950034 Datasheet HTML 1Page - Molex Electronics Ltd. 0740950034 Datasheet HTML 2Page - Molex Electronics Ltd. 0740950034 Datasheet HTML 3Page - Molex Electronics Ltd. 0740950034 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-70400, PS-74095-001
Sales Drawing
SD-74095-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0740950034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0740950004 MOLEX8-0740950004 Datasheet
224Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 120 Circuits, 3.18mm (.125") PCTail Length
0740950016 MOLEX8-0740950016 Datasheet
224Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 16 Circuits, Tin(Sn) Over Nickel (Ni) Plating
0740950020 MOLEX8-0740950020 Datasheet
224Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 20 Circuits, TinSn) Over Nickel (Ni) Plating
0740950025 MOLEX8-0740950025 Datasheet
224Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 25 Circuits, Tin(Sn) Over Nickel (Ni) Plating
0740950046 MOLEX8-0740950046 Datasheet
221Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 16 Circuits0.38關m (15關") Gold (Au) Selective Plating over Tin (Sn) Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com