Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0687690021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0687690021
Description  SD-68769-021
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0687690021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0687690021 Datasheet HTML 1Page - Molex Electronics Ltd. 0687690021 Datasheet HTML 2Page - Molex Electronics Ltd. 0687690021 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0687690021
Status:
Active
Overview:
ieee_1394
Description:
IEEE 1394B Bilingual 9-pin-to-4-pin Cable Assembly, 1.0m (3.28' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-68769-001 (PDF)
General
Product Family
Cable Assemblies
Series
68769
Connector to Connector
IEEE1394b-2002 Both Ends
Overview
ieee_1394
Product Name
IEEE 1394
Physical
Cable Length
1.0m (3.28' )
Circuits (Loaded)
4, 9
Color - Resin
Natural
Gender
Plug
Lock to Mating Part
Yes
Material - Resin
Low Density Polyethylene
Packaging Type
Bag
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Single Ended
No
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
1.5A
Impedance
110 ohms
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-68769-001
Sales Drawing
SD-68769-021
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68769Series
Mates With
44647 IEEE 1394b-2002 Shielded I/O
PCB Bilingual Socket. 54515 IEEE P1394a
Shielded I/O PCB Socket
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0687690021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687690022 MOLEX8-0687690022 Datasheet
152Kb / 3P
   IEEE 1394B Bilingual 9-pin-to-4-pin Cable Assembly, 2.0m (6.56 ) Length
0687690023 MOLEX8-0687690023 Datasheet
152Kb / 3P
   IEEE 1394B Bilingual 9-pin-to-4-pin Cable Assembly, 4.50m (14.76) Length
0687690024 MOLEX8-0687690024 Datasheet
150Kb / 3P
   IEEE 1394B Bilingual 9-pin-to-6-pin Cable Assembly, 1.0m (3.28 ) Length
0687690025 MOLEX8-0687690025 Datasheet
150Kb / 3P
   IEEE 1394B Bilingual 9-pin-to-6-pin Cable Assembly, 2.0m (6.56 ) Length
0687690026 MOLEX8-0687690026 Datasheet
150Kb / 3P
   IEEE 1394B Bilingual 9-pin-to-6-pin Cable Assembly, 4.50m (14.76 ) Length
More results

Similar Description - 0687690021

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
021-2900-300 DIALIGHT-021-2900-300 Datasheet
125Kb / 1P
   021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
logo
Actel Corporation
A3P600 ACTEL-A3P600 Datasheet
217Kb / 1P
   SD Controller
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
   SD Card
logo
Silicom Ltd.
M1E2G4BPFI80 SILICOM-M1E2G4BPFI80 Datasheet
519Kb / 7P
   M1E2G4BPFI35-SD
logo
Apacer Technology Inc.
CH110-SD APACER-CH110-SD Datasheet
1Mb / 5P
   ApacerSDCH110-SD
CV110-SD APACER-CV110-SD Datasheet
1Mb / 4P
   ApacerSDCV110-SD
logo
List of Unclassifed Man...
GHI-ALFATSD-338 ETC2-GHI-ALFATSD-338 Datasheet
95Kb / 1P
   ALFAT SD Board
logo
FCI connector
10067847-001RLF FCI-CONNECTOR-10067847-001RLF Datasheet
269Kb / 8P
   SD CARD CONNECTOR
logo
Adam Technologies, Inc.
MCSP-E-08-A-SG-10-TR ADAM-TECH-MCSP-E-08-A-SG-10-TR Datasheet
95Kb / 1P
   MICRO SD SOCKET
MCSP-08-A-SG-HC ADAM-TECH-MCSP-08-A-SG-HC Datasheet
114Kb / 1P
   MICRO SD SOCKET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com