Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-70280-0460 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # A-70280-0460
Description  2.54mm (.100) Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 84 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

A-70280-0460 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  A-70280-0460 Datasheet HTML 1Page - Molex Electronics Ltd. A-70280-0460 Datasheet HTML 2Page - Molex Electronics Ltd. A-70280-0460 Datasheet HTML 3Page - Molex Electronics Ltd. A-70280-0460 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - A-70280-0460

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-70280-0442 MOLEX8-A-70280-0442 Datasheet
294Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 88 Circuits, Tin (Sn) Plating, 2.72mm (.107") PC Tail Length
A-70280-0455 MOLEX8-A-70280-0455 Datasheet
294Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 94 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
A-70280-0459 MOLEX8-A-70280-0459 Datasheet
294Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 82 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
A-70280-0491 MOLEX8-A-70280-0491 Datasheet
294Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 86 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.79mm (.110") PC Tail
More results

Similar Description - A-70280-0460

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010897300 MOLEX1-0010897300 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 30 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0010897760 MOLEX1-0010897760 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 76 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0010897660 MOLEX1-0010897660 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 66 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0010897500 MOLEX1-0010897500 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 50 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0010897580 MOLEX1-0010897580 Datasheet
433Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 58 Circuits, 0.76關m (30關") Gold (Au) Selective Plating,
0010897200 MOLEX1-0010897200 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 20 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0010897263 MOLEX1-0010897263 Datasheet
433Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 26 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0010897063 MOLEX1-0010897063 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 6 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0010897040 MOLEX1-0010897040 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 4 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0010897380 MOLEX1-0010897380 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 38 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com