Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-51-0089 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 705-51-0089
Description  2.54mm (.100) Pitch SL??Header, Single Row, Right Angle, .120 Pocket, Shrouded, with Beveled Plastic Peg, 20 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

705-51-0089 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  705-51-0089 Datasheet HTML 1Page - Molex Electronics Ltd. 705-51-0089 Datasheet HTML 2Page - Molex Electronics Ltd. 705-51-0089 Datasheet HTML 3Page - Molex Electronics Ltd. 705-51-0089 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0705510089
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch SL™ Header, Single Row, Right Angle, .120" Pocket, Shrouded,
with Beveled Plastic Peg, 20 Circuits, 0.76µm (30µ") Gold (Au) Selective Plating, Tin
(Sn) PC Tail Plating
Documents:
3D Model
Product Specification PS-70400 (PDF)
Drawing (PDF)
Product Specification PS-70541 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70551
Application
Wire-to-Board
Overview
cgrid__sl_products
Product Name
SL™
Physical
Breakaway
No
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Durability (mating cycles max)
50
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.875
Polarized to Mating Part
Yes
Shrouded
Fully
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70551Series
Mates With
SL™ Crimp Housing 70066 , 70430 , 70400


Similar Part No. - 705-51-0089

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
705-51-0007 MOLEX8-705-51-0007 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 8 Circuits, Tin (Sn) Plating
705-51-0010 MOLEX8-705-51-0010 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 11 Circuits, Tin (Sn) Plating
705-51-0011 MOLEX8-705-51-0011 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 12 Circuits, Tin (Sn) Plating
705-51-0016 MOLEX8-705-51-0016 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shroudedwith Beveled Plastic Peg, 17 Circuits, Tin (Sn) Plating
705-51-0019 MOLEX8-705-51-0019 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 20 Circuits, Tin (Sn) Plating
More results

Similar Description - 705-51-0089

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0705510071 MOLEX8-0705510071 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shroudedwith Beveled Plastic Peg, 2 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705510081 MOLEX8-0705510081 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shroudedwith Beveled Plastic Peg, 12 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705510079 MOLEX8-0705510079 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shroudedwith Beveled Plastic Peg, 10 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705510072 MOLEX8-0705510072 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shroudedwith Beveled Plastic Peg, 3 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705510073 MOLEX8-0705510073 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shroudedwith Beveled Plastic Peg, 4 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705510077 MOLEX8-0705510077 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shroudedwith Beveled Plastic Peg, 8 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705510075 MOLEX8-0705510075 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shroudedwith Beveled Plastic Peg, 6 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705510054 MOLEX8-0705510054 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded,with Beveled Plastic Peg, 20 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin
0705510093 MOLEX8-0705510093 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 24 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0705419075 MOLEX8-0705419075 Datasheet
167Kb / 4P
   2.54mm (.100) Pitch SL??Header, Single Row, Vertical, .120" Pocket, Shrouded, with Straight Plastic Peg, 6 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com