Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0702800496 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0702800496
Description  2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, HighTemperature, 96 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0702800496 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0702800496 Datasheet HTML 1Page - Molex Electronics Ltd. 0702800496 Datasheet HTML 2Page - Molex Electronics Ltd. 0702800496 Datasheet HTML 3Page - Molex Electronics Ltd. 0702800496 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0702800496
Status:
Active
Description:
2.54mm (.100") Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High
Temperature, 96 Circuits, 0.76µm (30µ") Gold (Au) Selective Plating, Tin (Sn) PC Tail
Plating, 2.79mm (.110") PC Tail
Documents:
3D Model
Product Specification PS-70280 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70280
Application
Board-to-Board, Wire-to-Board
Product Name
C-Grid®
Physical
Breakaway
Yes
Circuits (Loaded)
96
Circuits (maximum)
96
Color - Resin
Black
Durability (mating cycles max)
50
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.110 In
PC Tail Length (mm)
2.79 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
32
Plating min: Mating (µm)
0.8
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to Mating Part
No
Shrouded
No
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70280Series


Similar Part No. - 0702800496

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0702800490 MOLEX8-0702800490 Datasheet
294Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, HighTemperature, 84 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail
0702800491 MOLEX8-0702800491 Datasheet
294Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 86 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.79mm (.110") PC Tail
0702800492 MOLEX8-0702800492 Datasheet
294Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, HighTemperature, 88 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail
0702800493 MOLEX8-0702800493 Datasheet
294Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, HighTemperature, 90 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail
0702800494 MOLEX8-0702800494 Datasheet
294Kb / 4P
   2.54mm (.100") Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature, 92 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com