Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71973-1017 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 71973-1017
Description  2.54mm (.100") Pitch C-Grid짰 PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, with Flange, 34 Circuits
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71973-1017 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  71973-1017 Datasheet HTML 1Page - Molex Electronics Ltd. 71973-1017 Datasheet HTML 2Page - Molex Electronics Ltd. 71973-1017 Datasheet HTML 3Page - Molex Electronics Ltd. 71973-1017 Datasheet HTML 4Page - Molex Electronics Ltd. 71973-1017 Datasheet HTML 5Page - Molex Electronics Ltd. 71973-1017 Datasheet HTML 6Page - Molex Electronics Ltd. 71973-1017 Datasheet HTML 7Page - Molex Electronics Ltd. 71973-1017 Datasheet HTML 8Page - Molex Electronics Ltd. 71973-1017 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0719731017
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® PCB Connector, Dual Row, Right Angle, Early Entry
Receptacle, with Flange, 34 Circuits
Documents:
3D Model
Product Specification PS-71973-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
71973
Application
Board-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Circuits (Loaded)
34
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.120 In
PC Tail Length (mm)
3.05 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.90
Polarized to PCB
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Wave Capable (TH only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71973Series
Mates With
70204


Similar Part No. - 71973-1017

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71973-1010 MOLEX8-71973-1010 Datasheet
4Mb / 29P
   2.54mm (.100") Pitch C-Grid짰 PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, with Flange, 20 Circuits
71973-1011 MOLEX8-71973-1011 Datasheet
4Mb / 30P
   2.54mm (.100") Pitch C-Grid짰 PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, with Flange, 22 Circuits
71973-1012 MOLEX8-71973-1012 Datasheet
4Mb / 30P
   2.54mm (.100") Pitch C-Grid짰 PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, with Flange, 24 Circuits
71973-1013 MOLEX8-71973-1013 Datasheet
4Mb / 29P
   2.54mm (.100") Pitch C-Grid짰 PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, with Flange, 26 Circuits
71973-1014 MOLEX8-71973-1014 Datasheet
4Mb / 30P
   2.54mm (.100") Pitch C-Grid짰 PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, with Flange, 28 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com