Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0738101207 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0738101207
Description  2.00mm (.079) Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, Press-Fit, Double End Option, Slide On Housing, 144 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0738101207 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0738101207 Datasheet HTML 1Page - Molex Electronics Ltd. 0738101207 Datasheet HTML 2Page - Molex Electronics Ltd. 0738101207 Datasheet HTML 3Page - Molex Electronics Ltd. 0738101207 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0738101207
Status:
Active
Overview:
hdm
Description:
2.00mm (.079") Pitch HDM® Board-to-Board Midplane Header, Vertical SMC, Press-
Fit, Double End Option, Slide On Housing, 144 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
73810
Application
Midplane
Comments
Polar/Guide Version
Component Type
PCB Header
Overview
hdm
Product Name
HDM®
Style
N/A
Physical
Circuits (Loaded)
N/A
Circuits (maximum)
144
Color - Resin
Black
Durability (mating cycles max)
250
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Stainless Steel
Material - Resin
High Temperature Thermoplastic
Number of Columns
24
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Polarized to PCB
N/A
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Electrical
Current - Maximum per Contact
1A
Data Rate
1.0 Gbps
Real Signals (per 25mm)
0
Voltage - Maximum
250V AC
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73810Series
Mates With
73632 HDM PLUS® Board-to-Board
Daughtercard Receptacle. 73780 HDM®
Board-to-Board Daughtercard Receptacle


Similar Part No. - 0738101207

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0738101201 MOLEX8-0738101201 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
0738101202 MOLEX8-0738101202 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
0738101203 MOLEX8-0738101203 Datasheet
167Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, Press-Fit, Double End Option, Slide On Housing, 144 Circuits
0738101204 MOLEX8-0738101204 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
0738101205 MOLEX8-0738101205 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
More results

Similar Description - 0738101207

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0738101210 MOLEX8-0738101210 Datasheet
168Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, Press-Fit, Double End Option, Slide On Housing, 144 Circuits
0738101000 MOLEX8-0738101000 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, Press-Fit, Double End Option, Slide On Housing, 144 Circuits
0738101217 MOLEX8-0738101217 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, Press-Fit, Double End Option, Slide On Housing, 144 Circuits
0738101203 MOLEX8-0738101203 Datasheet
167Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, Press-Fit, Double End Option, Slide On Housing, 144 Circuits
0738101205 MOLEX8-0738101205 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
0738101206 MOLEX8-0738101206 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
0738101216 MOLEX8-0738101216 Datasheet
167Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
0738101201 MOLEX8-0738101201 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
0738101218 MOLEX8-0738101218 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
0738101204 MOLEX8-0738101204 Datasheet
175Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com