Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6A2067 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S6A2067
Description  80 SEGMENT DRIVER FOR DOT MATRIX LCD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6A2067 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S6A2067 Datasheet HTML 2Page - Samsung semiconductor S6A2067 Datasheet HTML 3Page - Samsung semiconductor S6A2067 Datasheet HTML 4Page - Samsung semiconductor S6A2067 Datasheet HTML 5Page - Samsung semiconductor S6A2067 Datasheet HTML 6Page - Samsung semiconductor S6A2067 Datasheet HTML 7Page - Samsung semiconductor S6A2067 Datasheet HTML 8Page - Samsung semiconductor S6A2067 Datasheet HTML 9Page - Samsung semiconductor S6A2067 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
S6A2067
80 SEGMENT DRIVER FOR DOT MATRIX LCD
8
AC Characteristics(V
DD = 2.7 to 5.5V, VDD-VEE = 3 to 13V, VSS = 0V, Ta = -30 to 85°C)
Characteristic
Symbol
Test condition
Min
Max
Unit
Applicable pin
Data Shift Frequency
f
CL
-
-
400
kHz
CL2
Clock High Level Width
t
WCKH
-
800
-
CL1, CL2
Clock Low Level Width
t
WCKL
-
800
-
CL2
t
SL
from CL
2 to CL1
500
-
Clock Set-up Time
t
LS
from CL
1 to CL2
500
-
Clock Rise/Fall Time
t
R/tF
-
-
200
CL1,CL2
Data Set-up Time
t
SU
-
300
-
DL1,DL2,DR1,DR2
Data Hold Time
t
DH
-
300
-
DL1,DL2,DR1,DR2
Data Delay Time
t
D
CL = 15pF
-
500
ns
DL1,DL2,DR1,DR2


Similar Part No. - S6A2067

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
116Kb / 12P
   40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
More results

Similar Description - S6A2067

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
logo
New Japan Radio
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
   DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
   DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
   DOT MATRIX LCD 80-OUT SEGMENT DRIVER
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
   DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6415 NJRC-NJU6415 Datasheet
282Kb / 9P
   DOT MATRIX LCD 80-OUT SEGMENT DRIVER
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
   80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
logo
RAIO Technology Inc.
RA0086A RAIO-RA0086A Datasheet
181Kb / 6P
   80 CH Segment/Common Driver For Dot Matrix LCD Specification
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
   80CH Segment Driver for Dot Matrix LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com