Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5RL54AC-TZ Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RH5RL54AC-TZ
Description  VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RL54AC-TZ Datasheet(HTML) 5 Page - RICOH electronics devices division

  RH5RL54AC-TZ Datasheet HTML 1Page - RICOH electronics devices division RH5RL54AC-TZ Datasheet HTML 2Page - RICOH electronics devices division RH5RL54AC-TZ Datasheet HTML 3Page - RICOH electronics devices division RH5RL54AC-TZ Datasheet HTML 4Page - RICOH electronics devices division RH5RL54AC-TZ Datasheet HTML 5Page - RICOH electronics devices division RH5RL54AC-TZ Datasheet HTML 6Page - RICOH electronics devices division RH5RL54AC-TZ Datasheet HTML 7Page - RICOH electronics devices division RH5RL54AC-TZ Datasheet HTML 8Page - RICOH electronics devices division RH5RL54AC-TZ Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
R
×5RL
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
VIN
Input Voltage
VOUT
Output Voltage
IOUT
Output Current
PD1
Power Dissipation 1
(NOTE1)
PD2
Power Dissipation 2
(NOTE2)
Topt
Operating Temperature
Tstg
Storage Temperature
Tsolder
Lead Temperature (Soldering)
Rating
Unit
+12
V
–0.3 to VIN +0.3
V
150
mA
300
mW
150
mW
– 40 to +85
˚C
– 55 to +125
˚C
260˚C,10s
Topt=25˚C
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any
conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above
these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress
ratings only and do not necessarily imply functional operation below these limits.
ABSOLUTE MAXIMUM RATINGS
(NOTE 1)
applied to SOT-89 and TO-92
(NOTE 2)
applied to SOT-23-5


Similar Part No. - RH5RL54AC-TZ

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RL54AA RICOH-RH5RL54AA Datasheet
24Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
More results

Similar Description - RH5RL54AC-TZ

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com