Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73780-1233 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 73780-1233
Description  2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 13.00mm (.512"), Pin Length 2.00mm (.079"),
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

73780-1233 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  73780-1233 Datasheet HTML 1Page - Molex Electronics Ltd. 73780-1233 Datasheet HTML 2Page - Molex Electronics Ltd. 73780-1233 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 73780-1233

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73780-1234 MOLEX8-73780-1234 Datasheet
213Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 14.00mm (.551"), Pin Length 2.00mm (.079"),
73780-1235 MOLEX8-73780-1235 Datasheet
213Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 15.00mm (.591"), Pin Length 2.00mm (.079"),
73780-1236 MOLEX8-73780-1236 Datasheet
213Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 16.00mm (.630"), Pin Length 2.00mm (.079"),
73780-1237 MOLEX8-73780-1237 Datasheet
213Kb / 3P
   2.00mm (.079") Pitch HDM Board-to-Board Daughtercard Receptacle, Vertical, Signal Module, 144 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com