Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67913-0008 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 67913-0008
Description  2.50mm (.098) Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra LowProfile, Push Push Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

67913-0008 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  67913-0008 Datasheet HTML 1Page - Molex Electronics Ltd. 67913-0008 Datasheet HTML 2Page - Molex Electronics Ltd. 67913-0008 Datasheet HTML 3Page - Molex Electronics Ltd. 67913-0008 Datasheet HTML 4Page - Molex Electronics Ltd. 67913-0008 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 67913-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67913-0002 MOLEX8-67913-0002 Datasheet
303Kb / 4P
   2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, Push Push Type, Lead-Free
More results

Similar Description - 67913-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0679130011 MOLEX8-0679130011 Datasheet
343Kb / 5P
   2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra LowProfile, Push Push Type
0679130002 MOLEX8-0679130002 Datasheet
303Kb / 4P
   2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, Push Push Type, Lead-Free
0679558001 MOLEX8-0679558001 Datasheet
343Kb / 4P
   2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Stand OffHeight: 2.0mm (.079"), Standard, Push Push Type, Lead free
0679558002 MOLEX8-0679558002 Datasheet
343Kb / 4P
   2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Stand OffHeight: 2.0mm (.079"), Standard, Push Push Type, Lead free
0679138003 MOLEX8-0679138003 Datasheet
297Kb / 5P
   2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Push Push Type, with Card Lock Pin and Mylar, Lead free
0679138006 MOLEX8-0679138006 Datasheet
297Kb / 4P
   2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Push PushType, without Card Lock Pin, Lead free
0679138011 MOLEX8-0679138011 Datasheet
327Kb / 4P
   2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, Lead free
5009980900 MOLEX11-5009980900 Datasheet
393Kb / 6P
   2.50mm (.098") Pitch SD Memory Card Connector, Shielded, Top Mount, Push-Push Ejector
5009990900 MOLEX11-5009990900 Datasheet
516Kb / 6P
   2.50mm (.098") Pitch SD Memory Card Connector, Shielded Type, Top Mount, Push- Push Ejector, Ultra Short Solder Tab
logo
SUYIN USA, INC.
250049FB009SXXXZA SUYIN-USA-250049FB009SXXXZA Datasheet
133Kb / 1P
   2.50mm Pitch SD Card Push - Push Reverse Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com