Electronic Components Datasheet Search |
|
MI-PC243-MW Datasheet(PDF) 2 Page - Vicor Corporation |
|
MI-PC243-MW Datasheet(HTML) 2 Page - Vicor Corporation |
2 / 4 page Specifications (At TBP = 25°C, nominal line and 75% load, unless otherwise specified) Specifications PARAMETER MIN TYP MAX UNITS NOTES Input Characteristics 28Vdc input modules Steady state input 18 28 50 Vdc Low line lockout 16 Vdc Automatic recovery Input spike limit -600 +600 Vdc 20µs, 50 Ω per MIL-STD-704A -250 +250 Vdc 100µs, 15mJ per MIL-STD-1275A Input surge limit 100 Vdc 60mS, 0.5 Ω per MIL-STD-1275A Overvoltage shutdown 50 Vdc 100mS automatic recovery Reverse polarity protection Shunt diode: input fuse required Recommended fuse 10(1) Amps F03A type 270Vdc input modules Steady state input 125 270 400 Vdc Low line lockout 125 Vdc Automatic recovery Input spike limit +800 Vdc 20µs, 50 Ω -600 +600 Vdc 100µs, 15mJ Input surge limit 500 Vdc 100ms, 0.5 Ω Overvoltage shutdown 400 Vdc 100µs automatic recovery Reverse polarity protection Shunt diode: input fuse required Recommended fuse 2 (1) Amps F03A type All models No load power dissipation 1.5(1) 2(1) Watts Master disable input current(2) 4 mA Sink; disables all outputs (Absolute max., 20mA) Inrush current 110 125 %, Iin Steady state Iin, 10ms EMC Characteristics; MIL-STD-461C/D/E Input power leads Conducted emissions CE01, CE03, CE07 MIL-STD-461C — 1-up CE101, CE102 MIL-STD-461D — 1-up CE101 MIL-STD-461E — 2-up & 3-up Conducted susceptibility CS01, CS02, CS06 MIL-STD-461C — 1-up CS101, CS114, CS116 MIL-STD-461D — 1-up CS101, CS114, CS116 MIL-STD-461E — 2-up & 3-up Output Characteristics Setpoint accuracy 0.5 1.0 % Vnom Load/line regulation 0.2 0.5 % Vnom LL to HL, NL to 10% 0.05 0.2 % Vnom LL to HL, 10% to FL Output temperature drift 0.01 0.02 %/°C Output noise – p-p 1.0 1.5 % Vnom Whichever is greater 100 150 mV 20MHz BW Output voltage trimming (3) 50 110 % Vnom Remote sense compensation 0.5 Vdc OVP setpoint 115 125 135 % Vnom Latching Current limit 105 125 % Inom Auto restart Short circuit current (4) 20 130 % Inom Isolation Characteristics Input to output 4,242 Vrms 1 min. Input to case 28Vdc input 2,121 Vrms 1 min. 270Vdc input 2,500 Vrms 1 min. Output to case 500 Vrms 1 min. Thermal Characteristics Efficiency 81 % Operating temperature, case +85 ˚C See product grade Storage temperature +100 ˚C See product grade Shutdown temperature +90 +95 +105 ˚C Cool and recycle power to restart Mechanical Specifications Weight 1- up 1.2 (544) pounds (grams) 2- up 2.4 (1248) pounds (grams) 3- up 3.6 (1633) pounds (grams) Connector screw torque 3.5 (0.4) inches-pounds (N-M) } (1) Per internal module configuration. (2) Multiply minimum x 2 for 2-ups and x 3 for 3-ups. (3) 10V, 12V, and 15V outputs, standard trim range ±10%. Consult factory for wider trim range. (4) Output ranges of 5V or less incorporate foldback current limiting, outputs of 10V and above incorporate straight line current limiting. MI-ComPAC 11/02 2 of 4 |
Similar Part No. - MI-PC243-MW |
|
Similar Description - MI-PC243-MW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |