Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6B0796 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S6B0796
Description  240 SEG / COM DRIVER FOR STN LCD
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0796 Datasheet(HTML) 4 Page - Samsung semiconductor

  S6B0796 Datasheet HTML 1Page - Samsung semiconductor S6B0796 Datasheet HTML 2Page - Samsung semiconductor S6B0796 Datasheet HTML 3Page - Samsung semiconductor S6B0796 Datasheet HTML 4Page - Samsung semiconductor S6B0796 Datasheet HTML 5Page - Samsung semiconductor S6B0796 Datasheet HTML 6Page - Samsung semiconductor S6B0796 Datasheet HTML 7Page - Samsung semiconductor S6B0796 Datasheet HTML 8Page - Samsung semiconductor S6B0796 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
240 SEG / COM DRIVER FOR STN LCD
PRELIMINARY SPEC. VER. 1.0
S6B0796
4
INTRODUCTION
The S6B0796 is a 240-outputs segment/common driver LSI for graphic dot-matrix liquid
crystal display systems. It is fabricated by low power CMOS high voltage process technology.
This device consists of 240-bits bi-directional shift register, 240-bits data latch and 240-bits
driver. In case of segment mode, the data input is selected 4bit parallel input mode and 8bit
parallel input mode by a mode (MD) pin. In case of common mode, data input/output pins are
bi-directional, four data shift directions are pin-selectable.
FEATURES
Both Segment Mode and Common Mode
- Supply voltage for LC driver: +15.0 to +32.0V
- Number of LC driver outputs: 240
- Low output impedance
- Low power consumption
- Supply voltage for the logic system: +2.4V to +5.5V
- CMOS silicon gate process (P-type Silicon Substrate)
- Package: 268-pin TCP (Tape Carrier Package) or Gold bumped chip
Segment Mode
- Shift clock frequency: 20MHz (Max) (Vdd=+5V
±10%)
12MHz (Max) (Vdd=+2.4V to +4.5V)
- Adopts a data bus system
- 4- / 8-bit parallel input modes are selectable with a mode (MD) pin
- Automatic transfer function of an enable signal
- Automatic counting function which, in the chip select, causes the internal clock to be stopped
by automatically counting 240 of input data
- Line latch circuit reset function when DISPOFFB active
Common Mode
- Shift clock frequency: 4.0MHz (Max) (vdd=+2.4V to +5.5V)
- Built-in 240-bits bi-directional shift register (divisible into 120-bits
×2)
- Available in a single mode (240-bits shift register)
or in a dual mode (120-bits shift register
×2)
- Shift register circuit reset function when DISPOFFB active


Similar Part No. - S6B0796

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0794 SAMSUNG-S6B0794 Datasheet
266Kb / 31P
   160 SEG / COM DRIVER FOR STN LCD
More results

Similar Description - S6B0796

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0794 SAMSUNG-S6B0794 Datasheet
266Kb / 31P
   160 SEG / COM DRIVER FOR STN LCD
KS0794 SAMSUNG-KS0794 Datasheet
268Kb / 31P
   160 COM / 160 SEG DRIVER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
   104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
   81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com