Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6C0647 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S6C0647
Description  256 CHANNEL TFT-LCD GATE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6C0647 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S6C0647 Datasheet HTML 3Page - Samsung semiconductor S6C0647 Datasheet HTML 4Page - Samsung semiconductor S6C0647 Datasheet HTML 5Page - Samsung semiconductor S6C0647 Datasheet HTML 6Page - Samsung semiconductor S6C0647 Datasheet HTML 7Page - Samsung semiconductor S6C0647 Datasheet HTML 8Page - Samsung semiconductor S6C0647 Datasheet HTML 9Page - Samsung semiconductor S6C0647 Datasheet HTML 10Page - Samsung semiconductor S6C0647 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
256 CH. TFT-LCD GATE DRIVER
S6C0647
7
PIN DESCRIPTIONS
Symbol
Pin Name
I / O
Description
DI/O
DO/I
Start pulse input/output
I / O
When these inputs operate as the input, the start pulse data is
read at the rising edge of shift clock, CPV.
When these inputs operate as the output, the start pulse output
is the next chip’s start pulse input. The output pulse is
generated
at the falling edge of the 256th shift clock, CPV.
When U/D = H, the shift register does right shifting operation.
(Input = DI/O and output = DO/I)
When U/D = L, the shift register does left shifting operation.
(Input = DO/I and output = DI/O)
U/D
Shift direction control input
I
When U/D = H, DI/O
→ G001 →……→ G256 → DO/I
When U/D = L, DO/I
→ G256 →……→ G001 → DI/O
CPV
Shift clock input
I
The shift register operates in synchronization with the rising
edge of this input
OE1
OE2
OE3
Output enable input
I
These inputs control the state of the driver outputs.
When OE = H, the driver output is fixed to VSS2.
When OE = L, the driver output is VGG or VSS2 corresponding
to the data.
G001
to
G256
Driver output
O
The output signals change in synchronization with the rising
edge of shift clock input, CPV.
The amplitude of the driver output is VGG - VSS2.
VSS2
Driver negative power supply
I
The input is internally connected to the logic ground, VSS1.
The input operates as the TFT panel gate OFF voltage.
VLO
Logic input low voltage
I
Logic input range: VDD - VLO
VGG
Driver positive power supply
I
The TFT gate ON voltage is VGG - VSS2.
VDD
Logic positive power supply
I
3.0 to 5.5 V
VSS1
Logic negative power supply
I
The logic negative power supply, VSS1, is internally connected
to the driver negative power supply, VSS2.


Similar Part No. - S6C0647

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6C0641 SAMSUNG-S6C0641 Datasheet
216Kb / 22P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C0649 SAMSUNG-S6C0649 Datasheet
118Kb / 14P
   256 CHANNEL TFT-LCD GATE DRIVER
More results

Similar Description - S6C0647

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0647 SAMSUNG-KS0647 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
S6C0649 SAMSUNG-S6C0649 Datasheet
118Kb / 14P
   256 CHANNEL TFT-LCD GATE DRIVER
KS0649 SAMSUNG-KS0649 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
KS0657 SAMSUNG-KS0657 Datasheet
110Kb / 16P
   263 / 256 CHANNEL TFT-LCD GATE DRIVER
S6C0657 SAMSUNG-S6C0657 Datasheet
116Kb / 15P
   263 / 256 CHANNEL TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16707 RENESAS-PD16707_15 Datasheet
262Kb / 23P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16707A RENESAS-PD16707A_15 Datasheet
281Kb / 15P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1694 SHARP-LH1694 Datasheet
123Kb / 10P
   256-output TFT-LCD Gate Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com