Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0737801123 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0737801123
Description  2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 13.00mm (.512"), Pin Length 2.00mm (.079"),
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0737801123 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0737801123 Datasheet HTML 1Page - Molex Electronics Ltd. 0737801123 Datasheet HTML 2Page - Molex Electronics Ltd. 0737801123 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0737801123
Status:
Active
Overview:
hdm
Description:
2.00mm (.079") Pitch HDM® Board-to-Board Daughtercard Receptacle, Vertical, Signal
Module, 144 Circuits, Mounted Height 13.00mm (.512"), Pin Length 2.00mm (.079"),
Solder Tail
Documents:
3D Model
Product Specification PS-73780-999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Test Summary (PDF)
General
Product Family
Backplane Connectors
Series
73780
Application
Daughtercard, Mezzanine
Comments
Solder Tail
Component Type
PCB Receptacle
Overview
hdm
Product Name
HDM®
Style
N/A
Physical
Circuits (Loaded)
144
Circuits (maximum)
144
Color - Resin
Black
Durability (mating cycles max)
250
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Copper-Nickel-Tin
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Columns
24
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.079 In
PC Tail Length (mm)
2.00 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to PCB
No
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73780Series
Mates With
HDM® Board-to-Board Backplane Header
73642 , 73643 , 73644 , 73942 , 73943 ,
73944 , 74349 , 74428. HDM® Board-to-
Board Stacking Header 73769 , 73770 ,
73782 , 73783 , 73771


Similar Part No. - 0737801123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0737801124 MOLEX8-0737801124 Datasheet
212Kb / 3P
   2.00mm (.079") Pitch HDM Board-to-Board Daughtercard Receptacle, Vertical, Signal Module, 144 Circuits, Mounted
0737801125 MOLEX8-0737801125 Datasheet
212Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 15.00mm (.591"), Pin Length 2.00mm (.079"),
0737801126 MOLEX8-0737801126 Datasheet
212Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 16.00mm (.630"), Pin Length 2.00mm (.079"),
0737801127 MOLEX8-0737801127 Datasheet
212Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 17.00mm (.669"), Pin Length 2.00mm (.079"),
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com