Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73780-1123 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 73780-1123
Description  2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 13.00mm (.512"), Pin Length 2.00mm (.079"),
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

73780-1123 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  73780-1123 Datasheet HTML 1Page - Molex Electronics Ltd. 73780-1123 Datasheet HTML 2Page - Molex Electronics Ltd. 73780-1123 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
15A, 1A
Data Rate
1.0 Gbps
Real Signals (per 25mm)
75
Shielded
No
Voltage - Maximum
250V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-73780-999
Sales Drawing
SD-73780-004
HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73780-1123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73780-1124 MOLEX8-73780-1124 Datasheet
212Kb / 3P
   2.00mm (.079") Pitch HDM Board-to-Board Daughtercard Receptacle, Vertical, Signal Module, 144 Circuits, Mounted
73780-1125 MOLEX8-73780-1125 Datasheet
212Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 15.00mm (.591"), Pin Length 2.00mm (.079"),
73780-1126 MOLEX8-73780-1126 Datasheet
212Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 16.00mm (.630"), Pin Length 2.00mm (.079"),
73780-1127 MOLEX8-73780-1127 Datasheet
212Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 17.00mm (.669"), Pin Length 2.00mm (.079"),
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com