Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6B1713A15-XXXN Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S6B1713A15-XXXN
Description  65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B1713A15-XXXN Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S6B1713A15-XXXN Datasheet HTML 4Page - Samsung semiconductor S6B1713A15-XXXN Datasheet HTML 5Page - Samsung semiconductor S6B1713A15-XXXN Datasheet HTML 6Page - Samsung semiconductor S6B1713A15-XXXN Datasheet HTML 7Page - Samsung semiconductor S6B1713A15-XXXN Datasheet HTML 8Page - Samsung semiconductor S6B1713A15-XXXN Datasheet HTML 9Page - Samsung semiconductor S6B1713A15-XXXN Datasheet HTML 10Page - Samsung semiconductor S6B1713A15-XXXN Datasheet HTML 11Page - Samsung semiconductor S6B1713A15-XXXN Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
S6B1713
4
PAD CONFIGURATION
ððð ððððððððððððððððððð - - - - - - - - - - ððððððððððððððððððð ððð
Y
148
287
147
288
111
324
110
1
S6B1713
(TOP VIEW)
(0,0)
X
ðððððððððððððððððððððð - - - - - - - - - - ððððððððððððððððððððððð
Figure 2. S6B1713 Chip Configuration
Table 1. S6B1713 Pad Dimensions
Size
Items
Pad No.
X
Y
Unit
Chip size
-
10860
2920
1 to 110
90
Pad pitch
111 to 324
70
1 to 110
56
114
111 to 147
108
50
148 to 287
50
108
Bumped
pad size
288 to 324
108
50
Bumped pad height
1 to 324
17 (Typ.)
µm
Figure 3. COG Align Key Coordinate
Figure 4. ILB Align Key Coordinate(with Gold Bump *)
30
µm 30µm 30µm
(-5065, +1302)
30
µm 30µm 30µm
(+5065, +1317)
42
µm
108
µm
(-5060, -1180)
(+5060, -1180)
42
µm
108
µm
* When designing electrode pattern must be prohibited on this area (ILB Align Key). If electrode pattern is used for
routing over this area, it can be happened pattern-short through gold bump pattern on ILB Align Key.


Similar Part No. - S6B1713A15-XXXN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B1741 SAMSUNG-S6B1741 Datasheet
472Kb / 78P
   128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
More results

Similar Description - S6B1713A15-XXXN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0724 SAMSUNG-S6B0724 Datasheet
898Kb / 66P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0723 SAMSUNG-S6B0723 Datasheet
946Kb / 71P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0724 SAMSUNG-KS0724 Datasheet
899Kb / 66P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com